Electronic Components Datasheet Search
  English  ▼

X  

AN4471 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 22Page - STMicroelectronics AN4471 Datasheet HTML 23Page - STMicroelectronics AN4471 Datasheet HTML 24Page - STMicroelectronics AN4471 Datasheet HTML 25Page - STMicroelectronics AN4471 Datasheet HTML 26Page - STMicroelectronics AN4471 Datasheet HTML 27Page - STMicroelectronics AN4471 Datasheet HTML 28Page - STMicroelectronics AN4471 Datasheet HTML 29Page - STMicroelectronics AN4471 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Connectors
AN4471
26/39
DocID026197 Rev 1
4.4
SPI Flash memory
Figure 21. Memory expansion connector (J10)
Table 22. JTAG/SWD connector pinout
Pin number
Description
1
MCU_3V3
2
JTMS
3
GND
4
JTCK
5
GND
6
JTDO
7
GND
8
JTDI
9
GND
10
RESET#
Table 23. Memory expansion connector pinout
Pin number
Description
1
MCU_FPGA_PROG (not used)
2
SPI MISO3
3
SPI MISO2
4
SPI CS
5
SPI MOSI
6
SPI MISO
7
SPI CLK
8
GND
9
3.3V
10
CHECK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com