Electronic Components Datasheet Search
  English  ▼

X  

TN1176 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN1176
Description  To ease the development of STM32 microcontroller applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1176 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN1176 Datasheet HTML 7Page - STMicroelectronics TN1176 Datasheet HTML 8Page - STMicroelectronics TN1176 Datasheet HTML 9Page - STMicroelectronics TN1176 Datasheet HTML 10Page - STMicroelectronics TN1176 Datasheet HTML 11Page - STMicroelectronics TN1176 Datasheet HTML 12Page - STMicroelectronics TN1176 Datasheet HTML 13Page - STMicroelectronics TN1176 Datasheet HTML 14Page - STMicroelectronics TN1176 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID026267 Rev 1
11/15
TN1176
Peripheral migration
14
If an existing software uses more than 20 backup registers, it is necessary to apply some
changes when using the STM32L15xx6/8/B-A device. In this case the data can be stored
alternatively into the EEPROM memory.
If in existing software uses less than 20 backup registers no change is required when using
the STM32L15xx6/8/B or STM32L100x6/8/B.
3.1.7
Touch sensing interface change
The touch sensing interface has been modified in the STM32L15xx6/8/B-A device - the
features are the same but there is a new software touch library for the STM32L15xx6/8/B-A
device, available on the company website at www.st.com/stm32.
3.2
Device limitations, changes and/or updates
New revisions of errata sheets have been published for the STM32L15xx6/8/B-A and for the
STM32L100x6/8/B-A devices. Several limitations that had been reported for the
STM32L15xx6/8/B and for the STM32L100x6/8/B have been solved, while new limitations
have been introduced. This section describes the changes in the device limitations.
Please refer to STM32L15xx6/8/B-A errata sheet and STM32L100x6/8/B-A errata sheet for
details on the device limitations.
3.2.1
Removed limitations
The following limitations that applied to STM32L15xx6/8/B and STM32L100x6/8/B devices
do not apply to STM32L100x6/8/B-A nor STM32L100x6/8/B-A devices:
Factory trimming values not available (for temperature sensor and internal reference
voltage).
Debug support for low power modes with entry through the WFE instruction.
Pull-up on PB7 when configured in analog mode.
HSEBYP bit of Clock control register has an undefined reset value.
USB line pull-up resistor has a value lower than 1.5kOhm.
CRC still sensitive to communication clock when SPI is in slave mode even with NSS
high.
3.2.2
Newly introduced limitations
The following limitations which were not present in STM32L15xx6/8/B nor
STM32L100x6/8/B devices have been introduced for STM32L15xx6/8/B-A and
STM32L100x6/8/B-A devices:
The number of RTC backup registers is 20 bytes instead of 80 bytes.
The data EEPROM cycling is limited to 100 kcycles instead of 300 kcycles.
If the debugger is connected in JTAG mode and if JNRST (PB4) pin configuration is
changed, the connection is lost.
The wakeup sequence from Standby mode when using more than one wakeup source
requires a special entry into Standby mode.
Please refer to STM32L15xx6/8/B, STM32L100x6/8/B errata sheets and
STM32L15xx6/8/B-A, STM32L100x6/8/B-A errata sheets for details on the device
limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com