Electronic Components Datasheet Search
  English  ▼

X  

TN1176 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TN1176
Description  To ease the development of STM32 microcontroller applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1176 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TN1176 Datasheet HTML 7Page - STMicroelectronics TN1176 Datasheet HTML 8Page - STMicroelectronics TN1176 Datasheet HTML 9Page - STMicroelectronics TN1176 Datasheet HTML 10Page - STMicroelectronics TN1176 Datasheet HTML 11Page - STMicroelectronics TN1176 Datasheet HTML 12Page - STMicroelectronics TN1176 Datasheet HTML 13Page - STMicroelectronics TN1176 Datasheet HTML 14Page - STMicroelectronics TN1176 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Development tool adaptations
TN1176
12/15
DocID026267 Rev 1
4
Development tool adaptations
The changes in the device hardware have impacted the development tools. Following the
change of device identifier (DEV_ID) and some peripherals changes with the addition of
new features, it has been necessary to upgrade the development tools as detailed hereafter.
1.
DEV_ID changes:
In STM32L100x6/8/B and STM32L15xx6/8/B devices, DEV_ID=0x416
In STM32L100x6/8/B-A and STM32L15xx6/8/B-A devices, DEV_ID=0x429
If the software or programming tool is using DEV_ID[11:0] field (in DBGMCU_IDCODE
register) then the relevant changes must be applied in the software or tool.
2.
Changes in the development tool configurations:
a)
IAR - install the latest version or apply the patch provided by ST support team to
support the new device, and change the device type in the configuration.
b)
Keil - install the latest version that supports the new device, change the device
type in the configuration, and change the ST link programming algorithm.
c)
Others - install the latest version that supports the new device, and change the
device type in the configuration.
3.
STM32L1xx standard peripherals library update:
STM32L15xx6/8/B-A and STM32L100x6/8/B devices are supported in the latest
version of STM32L1xx standard peripherals library. Make sure to use the latest version
of STM32L1xx standard peripherals library to use the new peripheral features.
a)
The STM32L15xx6/8/B-A and STM32L100x6/8/B-A devices are supported from
STM32L1xx standard peripheral library version 1.2.0 available from
www.st.com/stm32.
b)
Define the macro STM32L1XX_MD and use it in the project
startup_stm32l1xx_md.s file.
c)
Rebuild the existing project with the new library so it can be run on
STM32L15xx6/8/B-A or STM32L100x6/8/B-A device.
4.
Programming tools adaptation:
In the programming tool configurations (for example ST link with the related software)
the device type must be changed to correctly program the new STM32L15xx6/8/B-A or
STM32L100x6/8/B-A device.
Use the latest ST Visual Programmer (STVP) or the latest ST-link utility which support
the new devices (both are available at www.st.com/stm32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com