Electronic Components Datasheet Search
  English  ▼

X  

UM1653 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 34Page - STMicroelectronics UM1653 Datasheet HTML 35Page - STMicroelectronics UM1653 Datasheet HTML 36Page - STMicroelectronics UM1653 Datasheet HTML 37Page - STMicroelectronics UM1653 Datasheet HTML 38Page - STMicroelectronics UM1653 Datasheet HTML 39Page - STMicroelectronics UM1653 Datasheet HTML 40Page - STMicroelectronics UM1653 Datasheet HTML 41Page - STMicroelectronics UM1653 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
NAND evaluation board
UM1653
38/45
DocID025024 Rev 1
3.2
Schematics
Figure 13. Microcontroller schematic
Figure 14. USB Full Speed schematic
VCAP
PH0_OSC_IN
PH1_OSC_OUT
3V3
NRST
3V3
VCAP
VCAP
GND
3V3
GND
3V3
GND
3V3
3V3
GND
GND
GND
3V3
PE3
PB8
PE2
PB9
GND
3V3
3V3
PH0_OSC_IN
PH1_OSC_OUT
PA10_OTG_FS_ID_USB
GND
PE2
PC0_OTG_HS_ULPI_STP
PA13_JTAG_JTMS
PA11_OTG_FS_DM_USB
PG8_USB_PU
3V3
PA12_OTG_FS_DP_USB
PB13_OTG_HS_ULPI_D6
3V3
PE3
PB12_OTG_HS_ULPI_D5
PF0_FSMC_ADDR_A0
PD14_FSMC_D0
PD15_FSMC_D1
PD11_FSMC_ADDR_A16
PD12_FSMC_ADDR_A17
PD8_FSMC_D13
PD10_FSMC_D15
PD9_FSMC_D14
NRST
PC3_OTG_HS_ULPI_NXT
GND
GND
GND
PC2_OTG_HS_ULPI_DIR
PA9_OTG_FS_VBUS_USB
PG7_FSMC_INT3
PG6_FSMC_INT2
For STM32F10xx
Mount --- R1,R8,R11
DNM --- R3,R9
For STM32F2xxx & STM32F4xxx
Mount --- R3,R9
DNM --- R1,R8,R11
For STM32F10xx
Y1----- 8MHz
For STM32F2xxx & STM32F4xxx
Y1------ 25MHz
STM32F103ZET6/
STM32F205ZET6/
STM32F405ZGT6
U1
U1
PB14
75
PB13
74
PB12
73
PE4
3
PE5
4
PE6
5
VBAT
6
PC13-TAMPER-RTC
7
PC14-OSC32_IN
8
PC15-OSC32_OUT
9
PF0
10
PF1
11
PF2
12
PF3
13
PF5
15
PF4
14
PE2
1
PE3
2
PF7
19
VSS_5
16
PC2
28
VDD_5
17
PF6
18
PF8
20
PF9
21
PF10
22
OSC_IN
23
OSC_OUT
24
NRST
25
PC0
26
PC1
27
PC3
29
VDD_12
30
VSSA
31
VREF+
32
VDDA
33
PA0_WKUP
34
PA1
35
PA2
36
PB15
76
PD8
77
PD9
78
PD10
79
PD11
80
PD12
81
PD13
82
VSS_8
83
VDD_8
84
PD14
85
PD15
86
PG2
87
PG3
88
PG4
89
PG5
90
PG6
91
PG7
92
PG8
93
VSS_9
94
VDD_9
95
PC6
96
PC7
97
PC8
98
PC9
99
PA8
100
PA9
101
PA10
102
PA11
103
PA12
104
PA13
105
VCAP_2
106
VSS_2
107
VDD_2
108
R1
0 Ohm
0
R6
1K
C14
100nF
F
C12
100nF
F
C3
20pF
C13
100nF
F
1K
Y1
25MHz
C1
100nF
C10
100nF
F
R7
390
R4
10K
R
C8
100nF
F
C2
20pF
TP1
TEST POINT
1
J2
CONN TRBLK 3
J2
3
1
2
3
C7
100nF
F
R10
10K
R10
10K
C16
100nF
F
R8
0 Ohm
D2
TEST_LED2
D2
C5
2.2uF
R9
0 Ohm
R11
0 Ohm
R3
0 Ohm
C4
2.2uF
C11
100nF
F
R5
1K
C15
100nF
F
R2
10K
R2
10K
R13
1K
J1
CONN TRBLK 3
1
2
3
D1
TEST_LED1
SW1
PUSH BUTT ON
N
C17
100nF
F
C6
100nF
F
C9
100nF
F
MS33224V1
MS33225V1
USB5V_FS
PA11_OTG_FS_DM_USB
PA12_OTG_FS_DP_USB
PA12_OTG_FS_DP_USB
PA9_OTG_FS_VBUS_USB
PA10_OTG_FS_ID_USB
PG8_USB_PU
C22
10uF
C22
10uF
J4
USB_MINIA/B TYPE
J4
USB_MINIA/B TYPE
USB_VCC
1
USBDM
2
USBDP
3
USB_GND
5
SHELL
6
SHELL
7
SHELL
8
ID
4
SHELL
9
R32
22
R32
22
R14
1.5k
R14
1.5k
C23
4.7nF
C23
4.7nF
U4
USBLC6-2P6
U4
USBLC6-2P6
I/O2
4
VBUS
5
I/O1
6
I/O1
1
GND
2
I/O2
3
R31
1M
R31
1M
D3
LED_GREEN
D3
LED_GREEN
R34
22
R34
22
R36
0
R36
0
R40
1k
R40
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com