Electronic Components Datasheet Search
  English  ▼

X  

UM1755 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 24Page - STMicroelectronics UM1755 Datasheet HTML 25Page - STMicroelectronics UM1755 Datasheet HTML 26Page - STMicroelectronics UM1755 Datasheet HTML 27Page - STMicroelectronics UM1755 Datasheet HTML 28Page - STMicroelectronics UM1755 Datasheet HTML 29Page - STMicroelectronics UM1755 Datasheet HTML 30Page - STMicroelectronics UM1755 Datasheet HTML 31Page - STMicroelectronics UM1755 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 123 page
background image
Vendor specific commands
UM1755
28/123
DocID026257 Rev 2
4.3.8
Aci_Gap_Set_Auth_Requirement
Description:
Set the authentication requirements for the device. If the OOB_Enable is set to 0, the
following 16 octets of OOB_Data will be ignored on reception. This command has to be
given only when the device is not in a connected state.
Table 32. Aci_Gap_Set_Auth_Requirement
Command name
Parameters
Return
Aci_Gap_Set_Auth_Requirement (0xFC86)
MIMT mode
OOB enable
OOB data
Min encryption key size
Max encryption key size
Use fixed pin
Fixed pin
Bonding mode
Status
Table 33. Aci_Gap_Set_Auth_Requirement command parameters
Parameter
Size
Description
MIMT mode
1 byte
0x00: MIMT not required
0x01: MIMT required
OOB enable
1 byte
0x00: Out Of Bound authentication not enabled
0x01: Out Of Bound authentication enabled
OOB data
16 bytes
OOB data
Min encryption key
size
1 byte
Minimum size of the encryption key to be used during the pairing
process
Max encryption key
size
1 byte
Maximum size of the encryption key to be used during the pairing
process
Use fixed pin
1 byte
0x00: Use fixed pin during the pairing process
0x01: Do not use fixed pin during the pairing process.
In this case, GAP will generate Evt_Blue_Pin_Code_Request
event to the host.
Fixed pin
4 bytes
Fixed pin to be used during pairing if MIMT protection is enabled.
Any random value between 0 to 999999
Bonding mode
1 byte
0x00: Bonding not required
0x01: Bonding required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com