Electronic Components Datasheet Search
  English  ▼

X  

UM1755 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 37Page - STMicroelectronics UM1755 Datasheet HTML 38Page - STMicroelectronics UM1755 Datasheet HTML 39Page - STMicroelectronics UM1755 Datasheet HTML 40Page - STMicroelectronics UM1755 Datasheet HTML 41Page - STMicroelectronics UM1755 Datasheet HTML 42Page - STMicroelectronics UM1755 Datasheet HTML 43Page - STMicroelectronics UM1755 Datasheet HTML 44Page - STMicroelectronics UM1755 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 123 page
background image
DocID026257 Rev 2
41/123
UM1755
Vendor specific commands
123
4.3.23
Aci_Allow_Rebond
Description:
Allows the security manager to complete the pairing procedure and rebond with the master.
Event(s) generated:
The controller will generate a command complete event on the completion of the command.
Even if the command is given when it is not valid, success will be returned but internally it
will have no effect.
4.3.24
Aci_Gap_Start_Limited_Discovery_Proc
Description:
Start the limited discovery procedure. The controller is commanded to start active scanning.
When this procedure is started, only the devices in limited discoverable mode are returned
to the upper layers.
Table 74. Aci_Allow_Rebond
Command name
Parameters
Return
Aci_Allow_Rebond (0xFC95)
Status
Table 75. Aci_Allow_Rebond return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
Table 76. Aci_Gap_Start_Limited_Discovery_Proc
Command name
Parameters
Return
Aci_Gap_Start_Limited_Discovery_Proc (0xFC96)
Scan_Interval
Scan_Window
Own_Address_Type
filterDuplicates
Status
Table 77. Aci_Gap_Start_Limited_Discovery_Proc command parameters
Parameter
Size
Description
Scan_Interval
2 bytes
Time interval from when the controller started its last LE scan
until it begins the subsequent LE scan. The scan interval should
be a number in the range 0x0004 to 0x4000. This corresponds to
a time range 2.5 msec to 10240 msec. For a number N, Time = N
* 0.625 msec.
Scan_Window
2 bytes
Amount of time for the duration of the LE scan. Scan_Window
shall be less than or equal to Scan_Interval. The scan window
should be a number in the range 0x0004 to 0x4000. This
corresponds to a time range 2.5 msec to 10240 msec. For a
number N, Time = N * 0.625 msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com