Electronic Components Datasheet Search
  English  ▼

X  

UPD72870 Datasheet(PDF) 39 Page - NEC

Part # UPD72870
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72870 Datasheet(HTML) 39 Page - NEC

Back Button UPD72870 Datasheet HTML 35Page - NEC UPD72870 Datasheet HTML 36Page - NEC UPD72870 Datasheet HTML 37Page - NEC UPD72870 Datasheet HTML 38Page - NEC UPD72870 Datasheet HTML 39Page - NEC UPD72870 Datasheet HTML 40Page - NEC UPD72870 Datasheet HTML 41Page - NEC UPD72870 Datasheet HTML 42Page - NEC UPD72870 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Preliminary Data Sheet S13925EJ2V0DS00
39
µµµµPD72870,72871
Table 5-1. Serial EEPROM Memory Map
Bit
Byte
address
7
654
32
10
0
W_SUBSYSID(31 : 24)
1
W_SUBSYSID(23 : 16)
2
W_SUBVNDID(15 : 8)
3
W_SUBVNDID( 7 : 0)
4
W_MAXLAT(31 : 24)
5
W_MINGNT(23 : 16)
60
000
10
00
7
0
0
0
0
W_MAX_REC( 3 : 0)
8
W_GUIDHi(31 : 24)
9
W_GUIDHi(23 : 16)
A
W_GUIDHi(15 : 8)
B
W_GUIDHi( 7 : 0)
C
W_GUIDLo(31 : 24)
D
W_GUIDLo(23 : 16)
E
W_GUIDLo(15 : 8)
F
W_GUIDLo( 7 : 0)
10
W_GENERAL_0(31 : 24)
11
W_GENERAL_0(23 : 16)
12
W_GENERAL_0(15 : 8)
13
W_GENERAL_0( 7 : 0)
::
::
1C
W_GENERAL_3(31 : 24)
1D
W_GENERAL_3(23 : 16)
1E
W_GENERAL_3(15 : 8)
1F
W_GENERAL_3( 7 : 0)
20
0
000
00
00
21
0
000
00
00
22
0
000
00
WPE
WPEE
23
0
000
011
1
::
::
28
W_CIS_0(31 : 24)
29
W_CIS_0(23 : 16)
2A
W_CIS_0(15 : 8)
2B
W_CIS_0( 7 : 0)
::
::
A4
W_CIS_31(31 : 24)
A5
W_CIS_31(23 : 16)
A6
W_CIS_31(15 : 8)
A7
W_CIS_31( 7 : 0)
WPE: W_programPhyEnable, WPEE: W_aPhyEnhanceEnable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com