Electronic Components Datasheet Search
  English  ▼

X  

UPD72870 Datasheet(PDF) 19 Page - NEC

Part # UPD72870
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72870 Datasheet(HTML) 19 Page - NEC

Back Button UPD72870 Datasheet HTML 15Page - NEC UPD72870 Datasheet HTML 16Page - NEC UPD72870 Datasheet HTML 17Page - NEC UPD72870 Datasheet HTML 18Page - NEC UPD72870 Datasheet HTML 19Page - NEC UPD72870 Datasheet HTML 20Page - NEC UPD72870 Datasheet HTML 21Page - NEC UPD72870 Datasheet HTML 22Page - NEC UPD72870 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Preliminary Data Sheet S13925EJ2V0DS00
19
µµµµPD72870,72871
Table 2-1. Bit Field Description (2/3)
Field
Size
R/W
Reset value
Description
Extended
3
R
111
Shows the extended register map.
Total_ports
4
R
0011
or
0001
Supported port number.
0011: 3port (
µPD72870)
0001: 1port (
µPD72871)
Max_speed
3
R
010
Indicate the maximum speed that this node supports.
010: 98.304, 196.608 and 393.216 Mbps
Delay
4
R
0010
Indicate worst case repeating delay time. 144+(2 x 20)=184 nsec
Link_active
1
R/W
1
Link active.
1: Enable
0: Disable
The logical AND status of this bit and LPS.
State will be referred to “L bit” of Self-ID Packet#0.
The LPS is a PHY/Link interface signal and is defined in P1394a draft 2.0. It
is an internal signal in the
µPD72870,72871.
Contender
1
R/W
See
Description
Contender.
“1” indicate this node support bus manager function. This bit will be referred
to “C bit” of Self-ID Packet#0.
The reset data is depending on CMC pin setting.
CMC pin condition
1: Pull up (Contender)
0: Pull down (Non Contender)
Jitter
3
R
010
The difference of repeating time (Max.-Min.). (2+1) x 20=60 nsec
Pwr_class
3
R/W
See
Description
Power class.
Please refer to IEEE1394 -1995 [4.3.4.1].
This bit will be referred to Pwr field of Self-ID Packet#0.
The reset data will be determined by PC0-PC2 Pin status.
Resume_int
1
R/W
0
Resume interrupt enable. When set to 1, if any one port does resume, the
Port_event bit becomes 1.
ISBR
1
R/W
0
Initiate short (arbitrated) bus reset.
Setting to 1 acquires the bus and begins short bus reset.
Short bus reset signal output : 1.3
µsec
Returns to 0 at the beginning of the bus reset.
Loop
1
R/W
0
Loop detection output.
1: Detection
Writing 1 to this bit clears it to 0.
Writing 0 has no effect.
Pwr_fail
1
R/W
0
Power cable disconnect detect.
It becomes 1 when there is a change from 1 to 0 in the CPS bit.
Writing 1 to this bit clears it to 0.
Writing 0 has no effect.
Timeout
1
R/W
0
Arbitration state machine time-out.
Writing 1 to this bit clears it to 0.
Writing 0 has no effect.
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com