Electronic Components Datasheet Search
  English  ▼

X  

8840 Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # 8840
Description  In-System Programmable SuperBIG??High Density PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

8840 Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button 8840 Datasheet HTML 9Page - Lattice Semiconductor 8840 Datasheet HTML 10Page - Lattice Semiconductor 8840 Datasheet HTML 11Page - Lattice Semiconductor 8840 Datasheet HTML 12Page - Lattice Semiconductor 8840 Datasheet HTML 13Page - Lattice Semiconductor 8840 Datasheet HTML 14Page - Lattice Semiconductor 8840 Datasheet HTML 15Page - Lattice Semiconductor 8840 Datasheet HTML 16Page - Lattice Semiconductor 8840 Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Specifications ispLSI 8840
13
tpd1
UNITS
-90
-60
MIN.
TEST
COND.
Table 2-0030/8840
MAX.
DESCRIPTION
#
PARA-
METER
A
1 Prop Delay, BFM Input to Same BFM Output, 4 PT Bypass
–
10.0
ns
tpd2
A
2 Prop Delay, Global Input to Global Output
–
ns
tsuq
–
4 I/O Cell Reg, Data Setup Time, Quadrant I/O Clock
8.0
–
ns
thq
–
5 I/O Cell Reg, Data Hold Time, Quadrant I/O Clock
–
ns
tcoq
A
6 I/O Cell Reg, Quadrant Clock to Output Delay
6.0
ns
tsug
–
7 I/O Cell Reg, Data Setup Time, Global I/O Clock
–
ns
thg
–
8 I/O Cell Reg, Data Hold Time, Global I/O Clock
–
ns
tcog
A
9 I/O Cell Reg, Global Clock to Output Delay
7.5
ns
tsu1
–
10 GLB Reg Setup, BFM Input to Same BFM GLB, 4 PT Bypass
–
ns
th1
–
11 GLB Reg Hold Time, BFM Input to Same BFM GLB
0.0
ns
tco1
A
12 GLB Reg, Global Clock to Same BFM Output Delay
10.0
ns
tsuceq
–
13 I/O Cell Reg, CLKEN Setup Time, Quadrant I/O Clock
6.5
ns
thceq
–
14 I/O Cell Reg, CLKEN Hold Time, Quadrant I/O Clock
0.0
ns
tsuceg
–
15 GLB Reg, CLKEN Setup Time, Global Clock
4.5
ns
thceg
–
16 GLB Reg, CLKEN Hold Time, Global Clock
0.0
ns
tgoe
B/C
17 Global Output Enable/Disable Delay
–
ns
trglb
–
18 Global Reset/Preset Time, GLB Reg
–
15.0
ns
trio
–
19 Global Reset/Preset Time, I/O Cell Reg
–
10.0
ns
trw
–
20 Global Reset/Preset Pulse Duration
6.5
–
ns
0.0
–
6.0
–
7.0
–
16.0
13.5
–
–
–
–
–
10.0
0.0
twh
–
21 Global or Quadrant Clock Pulse, High Duration
6.0
–
ns
twl
–
22 Global or Quadrant Clock Pulse, Low Duration
6.0
–
ns
fmax
–
3 Clk Frequency, Local Feedback, Same GLB
90.0
–
–
15.0
–
12.0
–
–
9.0
–
–
11.0
–
0.0
15.0
9.5
0.0
6.5
0.0
–
–
22.0
–
15.0
9.5
–
0.0
–
9.0
–
10.0
–
24.0
–
–
–
–
–
15.0
0.0
9.0
–
9.0
–
60.0
–
MHz
-110
MIN. MAX.
MIN. MAX.
–
8.5
–
6.0
–
–
4.5
–
–
6.0
–
0.0
8.0
5.0
0.0
3.5
0.0
–
–
12.0
–
8.0
5.0
–
0.0
–
4.5
–
5.0
–
–
–
–
–
–
8.0
0.0
4.0
–
4.0
–
110
1. Unless noted otherwise, all parameters use PTSA and CLK0.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 20-bit counter with local feedback.
4. Refer to Switching Test Conditions section.
4
2
3
External Switching Characteristics1
Over Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com