Electronic Components Datasheet Search
  English  ▼

X  

8840 Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # 8840
Description  In-System Programmable SuperBIG??High Density PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

8840 Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button 8840 Datasheet HTML 15Page - Lattice Semiconductor 8840 Datasheet HTML 16Page - Lattice Semiconductor 8840 Datasheet HTML 17Page - Lattice Semiconductor 8840 Datasheet HTML 18Page - Lattice Semiconductor 8840 Datasheet HTML 19Page - Lattice Semiconductor 8840 Datasheet HTML 20Page - Lattice Semiconductor 8840 Datasheet HTML 21Page - Lattice Semiconductor 8840 Datasheet HTML 22Page - Lattice Semiconductor 8840 Datasheet HTML 23Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Specifications ispLSI 8840
21
I/O Pin Locations (432-Ball BGA Package)
Signal
BGA
Signal
BGA
Signal
BGA
Signal
BGA
Signal
BGA
I/O G0 <0>
C2
I/O G0 <1>
F4
I/O G0 <2>
F3
I/O G0 <3>
D2
I/O G0 <4>
G4
I/O G0 <5>
F2
I/O G0 <6>
G3
I/O G0 <7>
E1
I/O G0 <8>
G2
I/O G0 <9>
H3
I/O G0 <10>
F1
I/O G0 <11>
J4
I/O G0 <12>
F31
I/O G0 <13>
G30
I/O G0 <14>
H29
I/O G0 <15>
F30
I/O G0 <16>
E31
I/O G0 <17>
G29
I/O G0 <18>
G28
I/O G0 <19>
F29
I/O G0 <20>
E29
I/O G0 <21>
F28
I/O G0 <22>
D30
I/O G0 <23>
E28
I/O G1 <0>
L1
I/O G1 <1>
L2
I/O G1 <2>
L3
I/O G1 <3>
L4
I/O G1 <4>
K2
I/O G1 <5>
J1
I/O G1 <6>
K3
I/O G1 <7>
K4
I/O G1 <8>
H1
I/O G1 <9>
G1
I/O G1 <10>
J3
I/O G1 <11>
H2
I/O G1 <12>
J28
I/O G1 <13>
J29
I/O G1 <14>
H30
I/O G1 <15>
G31
I/O G1 <16>
H31
I/O G1 <17>
K28
I/O G1 <18>
K29
I/O G1 <19>
K30
I/O G1 <20>
J31
I/O G1 <21>
L28
I/O G1 <22>
L29
I/O G1 <23>
L30
I/O G2 <0>
M3
I/O G2 <1>
M2
I/O G2 <2>
M1
I/O G2 <3>
N4
I/O G2 <4>
N3
I/O G2 <5>
N1
I/O G2 <6>
P3
I/O G2 <7>
P4
I/O G2 <8>
R2
I/O G2 <9>
R3
I/O G2 <10>
R4
I/O G2 <11>
R1
I/O G2 <12>
R30
I/O G2 <13>
R29
I/O G2 <14>
R28
I/O G2 <15>
P31
I/O G2 <16>
P28
I/O G2 <17>
N31
I/O G2 <18>
N29
I/O G2 <19>
N28
I/O G2 <20>
M31
I/O G2 <21>
M30
I/O G2 <22>
L31
I/O G2 <23>
M29
I/O G3 <0>
Y3
I/O G3 <1>
Y1
I/O G3 <2>
Y2
I/O G3 <3>
W4
I/O G3 <4>
W3
I/O G3 <5>
W1
I/O G3 <6>
V1
I/O G3 <7>
V4
I/O G3 <8>
U1
I/O G3 <9>
U4
I/O G3 <10>
U3
I/O G3 <11>
U2
I/O G3 <12>
T30
I/O G3 <13>
U28
I/O G3 <14>
U29
I/O G3 <15>
U30
I/O G3 <16>
U31
I/O G3 <17>
V28
I/O G3 <18>
V29
I/O G3 <19>
V31
I/O G3 <20>
W29
I/O G3 <21>
W28
I/O G3 <22>
W31
I/O G3 <23>
Y31
I/O G4 <0>
AA2
I/O G4 <1>
AA3
I/O G4 <2>
AA4
I/O G4 <3>
AA1
I/O G4 <4>
AB3
I/O G4 <5>
AB4
I/O G4 <6>
AB2
I/O G4 <7>
AC3
I/O G4 <8>
AC4
I/O G4 <9>
AC1
I/O G4 <10>
AD2
I/O G4 <11>
AD3
I/O G4 <12>
AC28
I/O G4 <13>
AC29
I/O G4 <14>
AC31
I/O G4 <15>
AB28
I/O G4 <16>
AB29
I/O G4 <17>
AB30
I/O G4 <18>
AA29
I/O G4 <19>
AA28
I/O G4 <20>
AA30
I/O G4 <21>
AA31
I/O G4 <22>
Y30
I/O G4 <23>
Y29
I/O G5 <0>
AG4
I/O G5 <1>
AG3
I/O G5 <2>
AG1
I/O G5 <3>
AF1
I/O G5 <4>
AF4
I/O G5 <5>
AF3
I/O G5 <6>
AF2
I/O G5 <7>
AE1
I/O G5 <8>
AE3
I/O G5 <9>
AE2
I/O G5 <10>
AD1
I/O G5 <11>
AD4
I/O G5 <12>
AD31
I/O G5 <13>
AD29
I/O G5 <14>
AD28
I/O G5 <15>
AD30
I/O G5 <16>
AE29
I/O G5 <17>
AE30
I/O G5 <18>
AE31
I/O G5 <19>
AF31
I/O G5 <20>
AF28
I/O G5 <21>
AF29
I/O G5 <22>
AF30
I/O G5 <23>
AG31
I/O B0 <0>
D3
I/O B0 <1>
D4
I/O B0 <2>
B2
I/O B0 <3>
C3
I/O B0 <4>
C4
I/O B0 <5>
C5
I/O B0 <6>
D6
I/O B0 <7>
C6
I/O B0 <8>
B3
I/O B0 <9>
D7
I/O B0 <10>
B4
I/O B0 <11>
B6
I/O B0 <12>
AJ7
I/O B0 <13>
AK6
I/O B0 <14>
AH7
I/O B0 <15>
AJ6
I/O B0 <16>
AK4
I/O B0 <17>
AH6
I/O B0 <18>
AJ5
I/O B0 <19>
AK3
I/O B0 <20>
AJ4
I/O B0 <21>
AJ3
I/O B0 <22>
AH4
I/O B0 <23>
AJ2
I/O B1 <0>
D8
I/O B1 <1>
C7
I/O B1 <2>
A5
I/O B1 <3>
C8
I/O B1 <4>
B7
I/O B1 <5>
A6
I/O B1 <6>
C9
I/O B1 <7>
A7
I/O B1 <8>
D10
I/O B1 <9>
B8
I/O B1 <10>
C10
I/O B1 <11>
A8
I/O B1 <12>
AH11
I/O B1 <13>
AL8
I/O B1 <14>
AJ10
I/O B1 <15>
AK8
I/O B1 <16>
AH10
I/O B1 <17>
AL7
I/O B1 <18>
AJ9
I/O B1 <19>
AK7
I/O B1 <20>
AJ8
I/O B1 <21>
AL6
I/O B1 <22>
AH8
I/O B1 <23>
AL5
I/O B2 <0>
D11
I/O B2 <1>
A9
I/O B2 <2>
C11
I/O B2 <3>
B10
I/O B2 <4>
C12
I/O B2 <5>
B11
I/O B2 <6>
A11
I/O B2 <7>
B12
I/O B2 <8>
D13
I/O B2 <9>
C13
I/O B2 <10>
A12
I/O B2 <11>
A13
I/O B2 <12>
AJ14
I/O B2 <13>
AL13
I/O B2 <14>
AJ13
I/O B2 <15>
AH13
I/O B2 <16>
AL12
I/O B2 <17>
AL11
I/O B2 <18>
AK12
I/O B2 <19>
AJ12
I/O B2 <20>
AK11
I/O B2 <21>
AK10
I/O B2 <22>
AJ11
I/O B2 <23>
AL9
I/O B3 <0>
D14
I/O B3 <1>
C14
I/O B3 <2>
A14
I/O B3 <3>
C15
I/O B3 <4>
B15
I/O B3 <5>
A15
I/O B3 <6>
B16
I/O B3 <7>
C16
I/O B3 <8>
D16
I/O B3 <9>
A17
I/O B3 <10>
B17
I/O B3 <11>
C17
I/O B3 <12>
AH17
I/O B3 <13>
AJ17
I/O B3 <14>
AK17
I/O B3 <15>
AL17
I/O B3 <16>
AH16
I/O B3 <17>
AJ16
I/O B3 <18>
AK16
I/O B3 <19>
AL15
I/O B3 <20>
AJ15
I/O B3 <21>
AK15
I/O B3 <22>
AL14
I/O B3 <23>
AH14
I/O B4 <0>
A20
I/O B4 <1>
B20
I/O B4 <2>
C19
I/O B4 <3>
A21
I/O B4 <4>
D19
I/O B4 <5>
C20
I/O B4 <6>
B21
I/O B4 <7>
A23
I/O B4 <8>
C21
I/O B4 <9>
B22
I/O B4 <10>
A24
I/O B4 <11>
D21
I/O B4 <12>
AH21
I/O B4 <13>
AK24
I/O B4 <14>
AL24
I/O B4 <15>
AJ21
I/O B4 <16>
AK22
I/O B4 <17>
AJ20
I/O B4 <18>
AL23
I/O B4 <19>
AH19
I/O B4 <20>
AK21
I/O B4 <21>
AJ19
I/O B4 <22>
AK20
I/O B4 <23>
AL21
I/O B5 <0>
A25
I/O B5 <1>
C22
I/O B5 <2>
B24
I/O B5 <3>
D22
I/O B5 <4>
B25
I/O B5 <5>
C23
I/O B5 <6>
A26
I/O B5 <7>
C24
I/O B5 <8>
B26
I/O B5 <9>
D24
I/O B5 <10>
C25
I/O B5 <11>
A27
I/O B5 <12>
AJ26
IO B5 <13>
AJ25
I/O B5 <14>
AH24
I/O B5 <15>
AL27
I/O B5 <16>
AK26
I/O B5 <17>
AJ24
I/O B5 <18>
AJ23
I/O B5 <19>
AL26
I/O B5 <20>
AH22
I/O B5 <21>
AK25
I/O B5 <22>
AL25
I/O B5 <23>
AJ22
I/O B6 <0>
D25
I/O B6 <1>
A28
I/O B6 <2>
C26
I/O B6 <3>
B28
I/O B6 <4>
D26
I/O B6 <5>
C27
I/O B6 <6>
B29
I/O B6 <7>
C28
I/O B6 <8>
C29
I/O B6 <9>
C30
I/O B6 <10>
D28
I/O B6 <11>
D29
I/O B6 <12>
AG29
I/O B6 <13>
AH30
I/O B6 <14>
AH29
I/O B6 <15>
AH28
I/O B6 <16>
AJ30
I/O B6 <17>
AJ29
I/O B6 <18>
AJ28
I/O B6 <19>
AH26
I/O B6 <20>
AJ27
I/O B6 <21>
AK29
I/O B6 <22>
AK28
I/O B6 <23>
AH25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com