Electronic Components Datasheet Search
  English  ▼

X  

UPD75004 Datasheet(PDF) 47 Page - NEC

Part # UPD75004
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75004 Datasheet(HTML) 47 Page - NEC

Back Button UPD75004 Datasheet HTML 43Page - NEC UPD75004 Datasheet HTML 44Page - NEC UPD75004 Datasheet HTML 45Page - NEC UPD75004 Datasheet HTML 46Page - NEC UPD75004 Datasheet HTML 47Page - NEC UPD75004 Datasheet HTML 48Page - NEC UPD75004 Datasheet HTML 49Page - NEC UPD75004 Datasheet HTML 50Page - NEC UPD75004 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
µPD75004, 75006, 75008
47
SERIAL TRANSFER OPERATION
Two-Line and Three-Line Serial I/O Modes (SCK: internal clock output):
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK Cycle Time
tKCY1
VDD = 4.5 to 6.0 V
1600
ns
3800
ns
SCK High-, Low-Level
tKL1
VDD = 4.5 to 6.0 V
tKCY1/2-50
ns
Widths
tKH1
tKCY1/2-150
ns
SI Set-Up Time (vs. SCK
↑) tSIK1
150
ns
SI Hold Time (vs. SCK
↑ )tKSI1
400
ns
SCK
↓→ SO Output
tKSO1
R = 1 k
Ω,VDD = 4.5 to 6.0 V
0
250
ns
Delay Time
C = 100 pF*
0
1000
ns
TWO-LINE AND THREE-LINE SERIAL I/O MODES (SCK: external clock input):
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK Cycle Time
tKCY2
VDD = 4.5 to 6.0 V
800
ns
3200
ns
SCK High-, Low-Level
tKL2
VDD = 4.5 to 6.0 V
400
ns
Widths
tKH2
1600
ns
SI Set-Up Time (vs. SCK
↑) tSIK2
100
ns
SI Hold Time (vs. SCK
↑)tKSI2
400
ns
SCK
↓→ SO Output
tKSO2
R = 1 k
Ω, C = 100 pF*
VDD = 4.5 to 6.0 V
0
300
ns
Delay Time
0
1000
ns
*: R and C are load resistance and load capacitance of the SO output line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com