Electronic Components Datasheet Search
  English  ▼

X  

UM1770 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 21Page - STMicroelectronics UM1770 Datasheet HTML 22Page - STMicroelectronics UM1770 Datasheet HTML 23Page - STMicroelectronics UM1770 Datasheet HTML 24Page - STMicroelectronics UM1770 Datasheet HTML 25Page - STMicroelectronics UM1770 Datasheet HTML 26Page - STMicroelectronics UM1770 Datasheet HTML 27Page - STMicroelectronics UM1770 Datasheet HTML 28Page - STMicroelectronics UM1770 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
DocID026385 Rev 2
25/56
UM1770
Profile – application interface functions
56
6.2.7
FML_Add_Device_To_WhiteList()
Description
This function or command is called by the application to add devices to the whitelist.
Parameters
• addrType: address type of the bdAddr to be added to the whitelist.
– 0x00: PUBLIC ADDRESS
– 0x01: RANDOM ADDRESS
• bdAddr: address of the peer device that must be added to the whitelist.
6.2.8
FML_Alert_Target()
Description
The function is called by the application to start a write to the alert level on the find me
target. It returns BLE_STATUS_SUCCESS if the procedure is started successfully,
otherwise, it returns an error.
Parameters
• alertLevel: the alert level for the target must be configured according to the following alert
levels:
– NO_ALERT (0x00)
– MILD_ALERT (0x01)
– HIGH_ALERT (0x02)
6.2.9
FMTProfile_StateMachine()
Description
The application calls this function for checking current main profile and profile state,
substate and performing related actions and consequent states updates.
Parameters
None
6.3
Health thermometer profile
6.3.1
HT_Init()
Description
Initializes the health thermometer profile. Returns BLE_STATUS_SUCCESS if the
procedure is started successfully, and then notifies the application of successful initialization
of the profile through the event EVT_HT_INITIALIZED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com