Electronic Components Datasheet Search
  English  ▼

X  

UM1770 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 29Page - STMicroelectronics UM1770 Datasheet HTML 30Page - STMicroelectronics UM1770 Datasheet HTML 31Page - STMicroelectronics UM1770 Datasheet HTML 32Page - STMicroelectronics UM1770 Datasheet HTML 33Page - STMicroelectronics UM1770 Datasheet HTML 34Page - STMicroelectronics UM1770 Datasheet HTML 35Page - STMicroelectronics UM1770 Datasheet HTML 36Page - STMicroelectronics UM1770 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
DocID026385 Rev 2
33/56
UM1770
Profile – application interface functions
56
6.4.13
ANSProfile_StateMachine()
Description
The application calls this function for checking current main profile and profile state,
substate and performing related actions and consequent states updates.
Parameters
None
6.5
Blood pressure profile
6.5.1
BPS_Init()
Description
Initializes and registers the blood pressure Sensor profile with the main Profile. It returns
BLE_STATUS_SUCCESS if the procedure is started successfully, or
BLE_STATUS_FAILED if not. The application is notified through the event
EVT_BPS_INITIALIZED on completion of the initialization procedure.
Parameters
1.
intermediateCuffPressureChar: indicates whether the blood pressure service should
support the intermediate cuff pressure characteristic.
2.
Feature: a bitmask representing the features supported by the device. Below is the list
of the features supported by the device:
–
BODY_MOVEMENT_DETECTION_FLAG (0x01)
–
CUFF_FIT_DETECTION_FLAG (0x02)
–
IRREGULAR_PULSE_DETECTION_FLAG (0x04)
–
PULSE_RATE_RANGE_EXCEEDS_UPPER_LIMIT (0x08)
–
PULSE_RATE_RANGE_BELOW_LOWER_LIMIT (0x10)
–
MEASUREMENT_POSITION_DETECTION_FLAG (0x20)
3.
BLE_CALLBACK_FUNCTION_TYPE: callback function type to be called by the profile
to notify the application of the profile specific events.
6.5.2
BPS_Advertize()
Description
The function puts the device into discoverable mode. BLE_STATUS_SUCCESS is returned
if the command to put the device into discoverable mode was issued successfully.
Parameters
useWhitelist: if useWhiteList is set to TRUE, the device is configured to use the whitelist
which is configured with bonded devices at the time of initialization; otherwise, the device
enters limited discoverable mode to connect to any of the available devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com