Electronic Components Datasheet Search
  English  ▼

X  

UM1870 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 18Page - STMicroelectronics UM1870 Datasheet HTML 19Page - STMicroelectronics UM1870 Datasheet HTML 20Page - STMicroelectronics UM1870 Datasheet HTML 21Page - STMicroelectronics UM1870 Datasheet HTML 22Page - STMicroelectronics UM1870 Datasheet HTML 23Page - STMicroelectronics UM1870 Datasheet HTML 24Page - STMicroelectronics UM1870 Datasheet HTML 25Page - STMicroelectronics UM1870 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
GUI software description
UM1870
22/58
DocID027602 Rev 1
Table 5. GUI scripts window: available central operations
Operation
Associated actions
Notes
Scanning
Allows to put device in scanning mode by selecting:
- GAP Procedure (Limited, general, general-connection
establishment and terminate general-connection
establishment procedures)
- Enable or Disable filters
- Set own address type
- Set passive or active scan
- Set Scanning interval and Window
Connection
Allows to connect to a peer device by:
- Searching for devices in Advertising
- Select the device to which to connect
- Select the connection parameters
- Peer address and type
- Scan Interval and Window
- Connection Interval (min & max)
- Latency
- Supervision timeout
- Connection event length (min & max)
The addresses of the
detected advertising
devices are displayed
Update
Connections
Allows to update the connection parameters of available
connections by:
- Selecting the specific connection to be updated
- Set the new connection parameters
- Connection interval (min & max)
- Latency
- Supervision timeout
- Connection event length (min & max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com