Electronic Components Datasheet Search
  English  ▼

X  

UM1870 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 28Page - STMicroelectronics UM1870 Datasheet HTML 29Page - STMicroelectronics UM1870 Datasheet HTML 30Page - STMicroelectronics UM1870 Datasheet HTML 31Page - STMicroelectronics UM1870 Datasheet HTML 32Page - STMicroelectronics UM1870 Datasheet HTML 33Page - STMicroelectronics UM1870 Datasheet HTML 34Page - STMicroelectronics UM1870 Datasheet HTML 35Page - STMicroelectronics UM1870 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Programming with BlueNRG-MS network processor
UM1870
32/58
DocID027602 Rev 1
4
Programming with BlueNRG-MS network processor
The BlueNRG-MS provides a high level interface to control its operation. This interface is
called ACI (application-controller interface). The ACI is implemented as an extension to the
standard Bluetooth HCI interface. Since BlueNRG-MS is a network processor, the stack
runs inside the device itself. Hence, no library is required on the external microcontroller,
except for profiles and all the functions needed to communicate with the BlueNRG-MS SPI
interface.
The development kit software includes sample code that shows how to configure BlueNRG-
MS and send commands or parsing events. The source library is called simple BlueNRG-
MS HCI to distinguish it from the library for the complete profile framework (not present in
the software development kit). This library is able to handle multiple profiles at the same
time and supports several Bluetooth GATT-based profiles for BlueNRG-MS. Documentation
on the ACI is provided in a separate document.
Figure 12. Profile framework structure
4.1
Requirements
In order to communicate with BlueNRG-MS network processor very few resources are
needed by the main processor. These are listed below:
–
SPI interface
–
Platform-dependent code to write/read to/from SPI
–
A timer to handle SPI timeouts or to run Bluetooth LE Profiles
Minimum requirements in terms of Flash and RAM space largely depend on the functionality
needed by the application, on the microprocessor that will run the code and on the compiler
toolchain used to build the firmware.
4.2
Software directory structure
The Project folder contains some sample code that can be used on the application
processor to control the BlueNRG-MS. Platform-dependent code is also provided for
STM32L1 platforms. The example project provided in the package will run “as is” on the
development kit.
The files are organized using the following folder structure:
–
Bluetooth LE. Contains the code that is used to send ACI commands to the
BlueNRG-MS network processor. It contains also definitions of BlueNRG-MS
events.
–
platform. Contains all the platform-dependent files. These can be taken as an
example to build applications that can be run on other platforms.
–
Project. Contains source code that can be used as an example to build other
applications that will use the Bluetooth technology with the BlueNRG-MS. Project
files for IAR embedded workbench are also available.
Proximity
FindMe
HOGP
...
...
...
Basic profile framework



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com