Electronic Components Datasheet Search
  English  ▼

X  

UPD750064 Datasheet(PDF) 39 Page - NEC

Part # UPD750064
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064 Datasheet(HTML) 39 Page - NEC

Back Button UPD750064 Datasheet HTML 35Page - NEC UPD750064 Datasheet HTML 36Page - NEC UPD750064 Datasheet HTML 37Page - NEC UPD750064 Datasheet HTML 38Page - NEC UPD750064 Datasheet HTML 39Page - NEC UPD750064 Datasheet HTML 40Page - NEC UPD750064 Datasheet HTML 41Page - NEC UPD750064 Datasheet HTML 42Page - NEC UPD750064 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
39
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
Table 9-1. Status of Each Hardware After Reset (1/2)
Hardware
RESET Signal Generation
RESET Signal Generation
in Standby Mode
in Operation
Program counter (PC)
µPD750064 Sets the low-order 4 bits of
Sets the low-order 4 bits of
program memory’s address
program memory’s address
0000H to the PC11 to PC8 and
0000H to the PC11 to PC8 and
the contents of address 0001H
the contents of address 0001H
to the PC7 to PC0.
to the PC7 to PC0.
µPD750066, Sets the low-order 5 bits of
Sets the low-order 5 bits of
750068
program memory’s address
program memory’s address
0000H to the PC12 to PC8 and
0000H to the PC12 to PC8 and
the contents of address 0001H
the contents of address 0001H
to the PC7 to PC0.
to the PC7 to PC0.
PSW
Carry flag (CY)
Held
Undefined
Skip flag (SK0 to SK2)
0
0
Interrupt status flag (IST0, IST1)
0
0
Bank enable flag (MBE, RBE)
Sets the bit 6 of program
Sets the bit 6 of program
memory’s address 0000H to
memory’s address 0000H to
the RBE and bit 7 to the MBE.
the RBE and bit 7 to the MBE.
Stack pointer (SP)
Undefined
Undefined
Stack bank select register (SBS)
1000B
1000B
Data memory (RAM)
Held
Undefined
General-purpose register (X, A, H, L, D, E, B, C)
Held
Undefined
Bank select register (MBS, RBS)
0, 0
0, 0
Basic interval
Counter (BT)
Undefined
Undefined
timer/watchdog
Mode register (BTM)
0
0
timer
Watchdog timer enable flag (WDTM)
00
Timer/event
Counter (T0)
0
0
counter (T0)
Modulo register (TMOD0)
FFH
FFH
Mode register (TM0)
0
0
TOE0, TOUT F/F
0, 0
0, 0
Timer/event
Counter (T1)
0
0
counter (T1)
Modulo register (TMOD1)
FFH
FFH
Mode register (TM1)
0
0
TOE1, TOUT F/F
0, 0
0, 0
Watch timer
Mode register (WM)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com