Electronic Components Datasheet Search
  English  ▼

X  

UPD750064 Datasheet(PDF) 13 Page - NEC

Part # UPD750064
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064 Datasheet(HTML) 13 Page - NEC

Back Button UPD750064 Datasheet HTML 9Page - NEC UPD750064 Datasheet HTML 10Page - NEC UPD750064 Datasheet HTML 11Page - NEC UPD750064 Datasheet HTML 12Page - NEC UPD750064 Datasheet HTML 13Page - NEC UPD750064 Datasheet HTML 14Page - NEC UPD750064 Datasheet HTML 15Page - NEC UPD750064 Datasheet HTML 16Page - NEC UPD750064 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
13
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
(2/3)
output
disable
(P)
output
disable
data
output
disable
(N)
P.U.R.
enable
P-ch
P.U.R.
IN/OUT
P-ch
N-ch
VDD
VDD
P.U.R. : Pull-Up Resistor
TYPE F-B
TYPE Y
IN
P-ch
N-ch
VDD
VDD
AVSS
AVSS
input
enable
Reference voltage
(from the voltage tap of
the series resistor string)
TYPE Y-A
Input butfer
Type A
Type Y
IN
TYPE M-C
output
disable
data
P.U.R.
enable
P-ch
P.U.R.
IN/OUT
N-ch
VDD
P.U.R. : Pull-Up Resistor
TYPE M-D
IN instruction
Sampling C
+
–
P.U.R.Note
VDD
N-ch
IN/OUT
P.U.R.
(Mask Option)
data
output
disable
Note This pull-up resistor operates only when an
input instruction is executed without a pull-up
resistor connected using the mask option
(current flows from VDD to the pin when the pin is low).
Input
instruction
VDD
P-ch
(+13 V
withstand
voltage)
(+13 V
withstand
voltage)
Voltage
limitation
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com