Electronic Components Datasheet Search
  English  ▼

X  

STS12N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS12N3LLH5
Description  This device is an N-channel Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STS12N3LLH5 Datasheet HTML 1Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 2Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 3Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 4Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 5Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 6Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 7Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 8Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
June 2012
Doc ID 17152 Rev 3
1/13
13
STS12N3LLH5
N-channel 30 V, 0.0068
Ω, 12 A, SO-8
STripFET™ V Power MOSFET
Datasheet — production data
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Application
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’
STripFET™V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to an FOM that is among the best in
its class.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STS12N3LLH5
30 V
< 0.0075
Ω 12 A (1)
1.
The value is rated according Rthj-pcb
SO-8
1
4
5
8
Table 1.
Device summary
Order code
Marking
Package
Packaging
STS12N3LLH5
12D3L
SO-8
Tape and reel
www.st.com


Similar Part No. - STS12N3LLH5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STS12N3LLH5 DOINGTER-STS12N3LLH5 Datasheet
920Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STS12N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1736 STMICROELECTRONICS-AN1736 Datasheet
717Kb / 20P
This is an off-line wide range VIPer22A dual outputs power supply
31-Jul-2006
logo
Nanjing International G...
ESDCSA0402V05 DGNJDZ-ESDCSA0402V05 Datasheet
344Kb / 5P
This device is an ultra low capacitance
ESDPSA0603V05 DGNJDZ-ESDPSA0603V05 Datasheet
1Mb / 5P
this device is an ultra low capacitance
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
The device is an advanced proximity sensor
logo
Sangdest Microelectroni...
82CNQ030 SMC-82CNQ030 Datasheet
226Kb / 5P
This is a Pb ??Free Device
401CNQ SMC-401CNQ Datasheet
201Kb / 4P
This is a Pb ??Free Device
logo
List of Unclassifed Man...
FHP20N50 ETC-FHP20N50 Datasheet
480Kb / 7P
20N50 is an N-channel enhancement mode high voltage power MOS field
logo
Guangdong Youtai Semico...
LM217 UMW-LM217 Datasheet
742Kb / 6P
This monolithic integrated circuit is an adjustable 3-terminal
LM217MDT UMW-LM217MDT Datasheet
679Kb / 6P
This monolithic integrated circuit is an adjustable 3-terminal
LM317 UMW-LM317 Datasheet
1Mb / 7P
This monolithic integrated circuit is an adjustable 3-terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com