Electronic Components Datasheet Search
  English  ▼

X  

STS12N3LLH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS12N3LLH5
Description  This device is an N-channel Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12N3LLH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STS12N3LLH5 Datasheet HTML 1Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 2Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 3Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 4Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 5Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 6Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 7Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 8Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STS12N3LLH5
4/13
Doc ID 17152 Rev 3
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = max rating,
VDS =max rating @125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = +22/-20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 6 A
VGS= 4.5 V, ID= 6 A
0.0068
0.0084
0.0075
0.0092
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz,
VGS=0
-
1290
240
32
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID = 12 A
VGS= 4.5 V
Figure 14
-
8
3.6
3.4
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=15 V, ID= 6 A,
RG=4.7 Ω, VGS =10 V
Figure 13
-
8.6
11.2
32.4
6
-
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com