Electronic Components Datasheet Search
  English  ▼

X  

STS20N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS20N3LLH6
Description  Low gate drive power losses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS20N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STS20N3LLH6 Datasheet HTML 1Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 2Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 3Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 4Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 5Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 6Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 7Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 8Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2010
Doc ID 15528 Rev 2
1/13
13
STS20N3LLH6
N-channel 30 V, 0.004
Ω, 20 A, SO-8
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
■ Low gate drive power losses
■ Very low switching gate charge
Application
■ Switching applications
Description
This product utilizes the 6th generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure.The resulting Power
MOSFET exhibits the lowest RDS(on) in all
packages.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STS20N3LLH6
30 V
0.0047
Ω
20 A
SO-8
Table 1.
Device summary
Order code
Marking
Package
Packaging
STS20N3LLH6
20G3L
SO-8
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STS20N3LLH6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
logo
STMicroelectronics
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL Datasheet
305Kb / 12P
N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
31-Jan-2007
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
31-Jan-2007
More results

Similar Description - STS20N3LLH6

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2531GY-HF A-POWER-AP2531GY-HF_14 Datasheet
125Kb / 7P
Low Gate Charge Drive
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
Low forward voltage drop, low power losses
28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
Low forward voltage drop, low power losses
05-May-15
logo
STMicroelectronics
STD35N3LH5 STMICROELECTRONICS-STD35N3LH5 Datasheet
872Kb / 15P
Low gate drive power losses
18-May-2011
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
Low gate drive power losses
30-May-2014
STP105N3LL STMICROELECTRONICS-STP105N3LL Datasheet
819Kb / 13P
Low gate drive power losses
03-Apr-2014
STR2N2VH5 STMICROELECTRONICS-STR2N2VH5 Datasheet
882Kb / 13P
Low gate drive power loss
25-Jul-2014
STS3P6F6 STMICROELECTRONICS-STS3P6F6 Datasheet
933Kb / 16P
Low gate drive power losses
14-Jul-2014
STT6N3LLH6 STMICROELECTRONICS-STT6N3LLH6 Datasheet
1Mb / 12P
Low gate drive power losses
March 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com