Electronic Components Datasheet Search
  English  ▼

X  

PALCE16V8 Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # PALCE16V8
Description  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE16V8 Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button PALCE16V8 Datasheet HTML 17Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 18Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 19Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 20Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 21Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 22Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 23Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 24Page - Lattice Semiconductor PALCE16V8 Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PALCE16V8Z-15 (Ind)
21
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . .-65°C to +150°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage
with Respect to Ground . . . . . . . . . . -0.5 V to + 7.0 V
DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 0.5 V
DC Output or I/O Pin Voltage . . . -0.5 V to VCC + 0.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V
Latchup Current (TA = -40°C to +85°C). . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum Rat-
ings for extended periods may affect device reliability. Pro-
gramming conditions may differ.
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . . +4.5 V to +5.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS OVER INDUSTRIAL OPERATING RANGES
Notes:
1. These are absolute values with respect to device ground, and all overshoots due to system or tester noise are included.
2. Represents the worst case of HC and HCT standards, allowing compatibility with either.
3. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH).
4. Not more than one output should be shorted at a time, and the duration of the short-circuit should not exceed one second.
VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
Parameter
Symbol
Parameter Description
Test Description
Min
Max
Unit
VOH
Output HIGH Voltage
VIN = VIH or VIL, VCC = Min
IOH = 6 mA
3.84
V
IOH = 20 µA
VCC – 0.1 V
V
VOL
Output LOW Voltage
VIN = VIH or VIL, VCC = Min
IOL = 24 mA
0.5
V
IOL = 6 mA
0.33
V
IOL = 20 µA
0.1
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
Voltage for all Inputs (Notes 1 and 2)
2.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
Voltage for all Inputs (Notes 1 and 2)
0.9
V
IIH
Input HIGH Leakage Current
VIN = 5.25 V, VCC = Max (Note 3)
10
µA
IIL
Input LOW Leakage Current
VIN = 0 V, VCC = Max (Note 3)
–10
µA
IOZH
Off-State Output Leakage Current HIGH
VOUT = 5.25 V, VCC = Max
VIN = VIH or VIL (Note 3)
10
µA
IOZL
Off-State Output Leakage Current LOW
VOUT = 0 V, VCC = Max
VIN = VIH or VIL (Note 3)
–10
µA
ISC
Output Short-Circuit Current
VOUT = 0.5 V, VCC = Max (Note 4)
–30
–150
mA
ICC
Supply Current (Static)
Outputs Open (IOUT = 0 mA)
VCC = Max
f = 0 MHz
15
µA
Supply Current (Dynamic)
f = 25 MHz
75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com