| Electronic Components Datasheet Search |
|
LTC1061 Datasheet(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1061 Datasheet(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() LTC1061 2 1061fe OBSOLETE PACKAGE Consider the N20 Package for Alternate Source J PACKAGE 20-LEAD CERAMIC DIP TJMAX = 125°C, θJA = 100°C/W (J) LTC1061AMJ LTC1061MJ LTC1061ACJ LTC1061CJ ELECTRICAL CHARACTERISTICS (Complete Filter) The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at VS = ±5V, TA = 25°C, T 2L clock input level, unless otherwise specified. 1 2 3 4 5 6 7 8 9 10 TOP VIEW N PACKAGE 20-LEAD PLASTIC DIP 20 19 18 17 16 15 14 13 12 11 LPA BPA NA INVA S1A AGND 50/100/HOLD CLK LSh V+ LPB BPB NB INVB S1B V – LPC BPC HPC INVC SW PACKAGE 20-LEAD PLASTIC SO WIDE ABSOLUTE AXI U RATI GS (Note 1) PACKAGE/ORDER I FOR ATIO Supply Voltage ....................................................... 18V Power Dissipation ............................................. 500mW Operating Temperature Range LTC1061AC, LTC1061C ............ –40 °C ≤ TA ≤ 85°C LTC1061AM, LTC1061M ......... –55 °C ≤ TA ≤ 125°C Storage Temperature Range ................. –65 °C to 150°C Lead Temperature (Soldering, 10 sec.)................ 300 °C LTC1061ACN LTC1061CN LTC1061CSW ORDER PART NUMBER TJMAX = 100°C, θJA = 100°C/W (N) TJMAX = 100°C, θJA = 85°C/W (SW) PARAMETER CONDITIONS MIN TYP MAX UNITS Center Frequency Range, fO fO × Q ≤ 175kHz, Mode 1, VS = ±7.5V 0.1–35k Hz fO × Q ≤ 1.6MHz, Mode 1, VS = ±7.5V 0.1–25k Hz fO × Q ≤ 75kHz, Mode 3, VS = ±7.5V 0.1–25k Hz fO × Q ≤ 1MHz, Mode 3, VS = ±7.5V 0.1–17k Hz Input Frequency Range 0–200k Hz Clock-to-Center Frequency Ratio, fCLK/fO Sides A, B: Mode 1, R1 = R3 = 50k LTC1061A R2 = 5k, Q = 10, fCLK = 250kHz ● 50 ±0.6% LTC1061 Pin 7 High. ● 50 ±1.2% Side C: Mode 3, R1 = R3 = 50k R2 = R4 = 5k, fCLK = 250kHz LTC1061A Same as Above, Pin 7 at ● 100 ±0.6% LTC1061 Mid-Supplies, fCLK = 500kHz ● 100 ±1.2% Clock-to-Center Frequency Ratio, Side-to-Side Matching LTC1061 1.2% Q Accuracy Sides A, B, Mode 1 LTC1061A Side C, Mode 3 ● ± 25 % LTC1061 fO × Q ≤ 50kHz, fO × ≤ 5kHz ● ±35 % Consult LTC Marketing for parts specified with wider operating temperature ranges. Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |