Electronic Components Datasheet Search
  English  ▼

X  

LTC1061 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1061
Description  High Performance Triple Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061 Datasheet(HTML) 4 Page - Linear Technology

  LTC1061 Datasheet HTML 1Page - Linear Technology LTC1061 Datasheet HTML 2Page - Linear Technology LTC1061 Datasheet HTML 3Page - Linear Technology LTC1061 Datasheet HTML 4Page - Linear Technology LTC1061 Datasheet HTML 5Page - Linear Technology LTC1061 Datasheet HTML 6Page - Linear Technology LTC1061 Datasheet HTML 7Page - Linear Technology LTC1061 Datasheet HTML 8Page - Linear Technology LTC1061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1061
4
1061fe
POWER SUPPLY VOLTAGE (
±V)
0
8
1061 G09
6
3
0
2
4
6
10
9
15
21
18
24
13
5
7
9
27
30
12
TA = –55°C
TA = 25°C
TA = 125°C
CENTER FREQUENCY (kHz)
0
32
1061 G08
1.0
0.5
0
8
16
24
40
1.5
0
1.0
0.5
1.5
412
20
28
36
Q = 10
TA = 25°C
fCLK/fO = 50/1
MODE 1,
MODE 3
VS = ±2.5V
VS = ±7.5V
VS = ±5V
MODE 3
2.0
2.5
MODE 3
MODE 1
MODE 1
VS = ±2.5V
MODE 1,3
VS = ±5V
MODE 1,3
VS = ±7.5V
MODE 1,3
Q = 10
TA = 25°C
fCLK/fO = 100/1
CENTER FREQUENCY (kHz)
0
32
1061 G07
20
10
0
8
16
24
30
0
20
10
30
412
20
28
Q=20
VS = ±2.5V
VS = ±7.5V
20
10
10
VS = ±5V
Q=5
Q=20
Q=5
Q=1
10
Q=5
Q=1
CENTER FREQUENCY (kHz)
0
32
1061 G06
20
10
0
8
16
24
40
30
0
20
10
30
412
20
28
36
TA = 25°C
fCLK/fO = 50/1
20
5 Q=1
VS = ±2.5V
VS = ±7.5V
5
20
10
20
10
TA = 25°C
fCLK/fO = 50:1
VS = ±5V
10
2.5
Q=1
5
2.5
Q=1
CENTER FREQUENCY (kHz)
0
32
1061 G05
20
10
0
8
16
24
30
0
20
10
30
412
20
28
Q=20
VS = ±2.5V
VS = ±7.5V
10
10
10
VS = ±5V
Q=5
Q<5
Q=20
Q=20
Q=5
CENTER FREQUENCY (kHz)
0
32
1061 G04
20
10
0
8
16
24
40
30
0
20
10
30
412
20
28
36
TA = 25°C
fCLK/fO = 50/1
20
50
10
Q<5
VS = ±2.5V
VS = ±7.5V
50
20
10
Q<5
50
20
10 Q<5
TA = 25°C
fCLK/fO = 50/1
VS = ±5V
IDEAL Q
0.1
–0.2
–0.1
0
0.1
1
10
100
1061 G03
–0.3
–0.4
–0.5
VS = ±5V
TA = 25°C
PIN 7 AT 100:1
fCLK/fO = 500:1
√R2/R4 = 1/5
(A)
(B)
√R2/R4 = 1/2
fCLK/fO = 200:1
IDEAL Q
0.1
–0.3
–0.2
–0.1
0
0.1
1
10
100
1061 G02
–0.4
–0.5
–0.6
VS = ±5V
TA = 25°C
fCLK = 500kHz
fCLK/fO =
100 (TEST POINT)
IDEAL Q
0.1
–1.6
–1.2
–0.8
–0.4
0
1
10
100
1061 G01
–2.0
–2.4
0.4
VS = ±5V
TA = 25°C
fCLK = 250kHz
fCLK/fO =
50 (TEST POINT)
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Mode 1, Mode 3 (fCLK/fO)
Deviation vs Q
Mode 1, Mode 3 (fCLK/fO)
Deviation vs Q
Mode 3: Deviation of (fCLK/fO)
with Respect to Q = 10
Measurement
Mode 1: (fCLK/fO) = 50:1
Mode 1: (fCLK/fO) = 100:1
Mode 3: (fCLK/fO) = 50:1
Mode 3: (fCLK/fO) = 100:1
fCLK/fO vs fO
Power Supply Current vs
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com