Electronic Components Datasheet Search
  English  ▼

X  

LT1020 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1020
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1020 Datasheet HTML 4Page - Linear Technology LT1020 Datasheet HTML 5Page - Linear Technology LT1020 Datasheet HTML 6Page - Linear Technology LT1020 Datasheet HTML 7Page - Linear Technology LT1020 Datasheet HTML 8Page - Linear Technology LT1020 Datasheet HTML 9Page - Linear Technology LT1020 Datasheet HTML 10Page - Linear Technology LT1020 Datasheet HTML 11Page - Linear Technology LT1020 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1020
S
APPLICATI
I FOR ATIO
Like most other IC regulators, a minimum load is required
on the output of the LT1020 to maintain regulation. For
most standard regulators this is normally specified at
5mA. Of course, for a micropower regulator this would be
a tremendously large current. The output current must be
large enough to absorb all the leakage current of the pass
transistor at the maximum operating temperature. It also
affects the transient response; low output currents have
long recovery times from load transients. At high operat-
ing temperatures the minimum load current increases and
having too low of a load current may cause the output to
go unregulated. Devices are tested for minimum load
current at high temperature. The output voltage setting
resistors to the feedback terminal can usually be used to
provide the minimum load current.
Frequency Compensation
The LT1020 is frequency compensated by a dominant pole
on the output. An output capacitor of 10
µF is usually large
enough to provide good stability. Increasing the output
capacitor above 10
µF further improves stability. In order
to insure stability, a feedback capacitor is needed between
the output pin and the feedback pin. This is because stray
capacitance can form another pole with the large value of
feedback resistors used with the LT1020. Also, a feedback
capacitor minimizes noise pickup and improves ripple
rejection.
With the large dynamic operating range of the output
current, 10000:1, frequency response changes widely.
Low AC impedance capacitors are needed to insure stabil-
ity. While solid tantalum are best, aluminum electrolytics
can be used but larger capacitor values may be needed.
The CURRENT LIMIT pin allows one of the internal nodes
to be rolled off with a 0.05
µF capacitor to ground. With this
capacitor, lower values of regulator output capacitance
can be used (down to 1
µF) for low (<20mA) output
currents. Values of capacitance greater than 0.05
µF de-
grade the transient response, so are not recommended.
If the CURRENT LIMIT pin is connected to GND, the
current limit is decreased and only a 1
µF output capacitor
is needed.
When bypassing the reference, a 20
Ω resistor must be
connected in series with the capacitor.
other precautions are necessary and the reference is
stable with nominal stray capacitances.
Figure 2. Minimizing Oscillation in Thermal Shutdown
Overload Protection
The main regulator in the LT1020 is current limited at
approximately 350mA. The current limit is stable with both
input voltage and temperature. A current limit pin, when
strapped to ground, decreases the output current. This
allows the output current to be set to a lower value than
250mA. The output current available with the current limit
pin strapped to ground is not well controlled so if precise
current limiting is desired it should be provided externally
as is shown in some of the application circuits.
If the device is overloaded for long periods of time, thermal
shutdown turns the output off. In thermal shutdown, there
may be some oscillations which can disturb external
circuitry. A diode connected between the reference and
feedback terminal provides hysteresis under thermal shut-
down, so that the device turns on and off with about a 5
second period and there are no higher frequency oscilla-
tions. This is shown in Figure 2. This diode is recom-
mended for most applications. Thermal shutdown tem-
perature is set at approximately 145
°C.
Figure 1. Bypassing Reference
+
REF
+
REF
OUTPUT
OUTPUT
20
Ω
20
Ω
10
µF
10
µF
OR
1020 F01
4
4
+
10
µF
0.001
µF
*
2
11
4
VOUT
FB
REF
LT1020
1020 F02
* DIODE ADDS FEEDBACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com