Electronic Components Datasheet Search
  English  ▼

X  

LT1020 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1020
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1020 Datasheet HTML 3Page - Linear Technology LT1020 Datasheet HTML 4Page - Linear Technology LT1020 Datasheet HTML 5Page - Linear Technology LT1020 Datasheet HTML 6Page - Linear Technology LT1020 Datasheet HTML 7Page - Linear Technology LT1020 Datasheet HTML 8Page - Linear Technology LT1020 Datasheet HTML 9Page - Linear Technology LT1020 Datasheet HTML 10Page - Linear Technology LT1020 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1020
S
APPLICATI
I FOR ATIO
The LT1020 is especially suited for micropower system
applications. For example, the comparator section of the
LT1020 may be used as a battery checker to provide an
indication of low battery. The dropout detector can shut
down the system when the battery voltage becomes too
low to regulate. Another type of system application for the
LT1020 would be to generate the equivalent of split
supplies from a single power input. The regulator section
provides regulated output voltage and the reference, which
can both source and sink current, is then an artificial
system ground providing a split supply for the system.
For many applications the comparator can be frequency
compensated to operate as an amplifier. Compensation
values for various gains are given in the data sheet. The
comparator gain is purposely low to make it easier to
frequency compensate as an amplifier. Two outputs are
available on the comparator, the NPN output is capable of
sinking 10mA and can drive loads connected to voltages
in excess of the positive power supply. This is useful for
driving switches or linear regulators from a higher input
voltage. The PNP output, which is capable of sourcing
100
µA can drive loads below ground. It can be used to
make negative regulators with the addition of an external
pass transistor. Both outputs can be tied together to
provide an output that swings from rail-to-rail for com-
parator or amplifier applications. Although it is not speci-
fied, the gain for the PNP output is about 500 to 1000.
If the PNP output is being used, to maximize the gain a 1
µA
to 5
µA load should be placed upon the NPN output
collector. This is easily done by connecting a resistor
between the NPN collector and the reference output.
(Providing this operating current to the NPN side in-
creases the internal emitter base voltages and maximizes
the gain of the PNP stage.) Without this loading on the
NPN collector, at temperatures in excess of 75
°C, the gain
of the PNP collector can decrease by a factor of 2 or 3.
Reference
Internal to the LT1020 is a 2.5V trimmed class B output
reference. The reference was designed to be able to source
or sink current so it could be used in supply splitting
applications as well as a general purpose reference for
external circuitry. The design of the reference allows it to
source typically 4mA or 5mA and sink 2mA. The available
source and sink current decreases as temperature in-
creases. It is sometimes desirable to decrease the AC
output impedance by placing an output capacitor on them.
The reference in the LT1020 becomes unstable with large
capacitive loads placed directly on it. When using an
output capacitor, about 20
Ω should be used to isolate the
capacitor from the reference pin. This 20
Ω resistor can be
placed directly in series with the capacitor or alternatively
the reference line can have 20
Ω placed in series with it and
then a capacitor to ground. This is shown in Figure 1. Other
than placing large capacitive loads on the reference, no
I
DAGRA
BLOCK
5
6
7
8
3
13
11
2
9
REF
2.5V
REF OUT
CURRENT
LIMIT
VIN
VOUT
DROPOUT
DETECTOR
FB
GND
INVERTING
NON-
INVERTING
NPN OUT
PNP OUT
10
4
1020 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com