Electronic Components Datasheet Search
  English  ▼

X  

STW9B12C Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW9B12C
Description  Thermally Enhanced Package Design
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9B12C Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW9B12C Datasheet HTML 7Page - Seoul Semiconductor STW9B12C Datasheet HTML 8Page - Seoul Semiconductor STW9B12C Datasheet HTML 9Page - Seoul Semiconductor STW9B12C Datasheet HTML 10Page - Seoul Semiconductor STW9B12C Datasheet HTML 11Page - Seoul Semiconductor STW9B12C Datasheet HTML 12Page - Seoul Semiconductor STW9B12C Datasheet HTML 13Page - Seoul Semiconductor STW9B12C Datasheet HTML 14Page - Seoul Semiconductor STW9B12C Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
STW9B12C
– Mid-Power LED
11
Color Bin Structure
Part Number
Luminous Intensity (cd)
@ IF = 100mA
Color
Chromaticity
Coordinate
@ IF = 100mA
Typical Forward
Voltage (VF) @ IF = 100mA
Bin Code
Min.
Max.
Bin Code
Min.
Max.
STW9B12C
R0
8.0
8.5
Refer to page.14
Y3
2.9
3.0
R5
8.5
9.0
Z1
3.0
3.1
S0
9.0
9.5
Z2
3.1
3.2
S5
9.5
10.0
Z3
3.2
3.3
T0
10.0
10.5
A1
3.3
3.4
Table 4. Bin Code description
CCT
CIE
IV Rank
3700~4200 K
E
R0
R5
S0
S5
T0
3200~3700 K
F
R0
R5
S0
S5
T0
2900~3200 K
G
R0
R5
S0
S5
T0
2600~2900 K
H
R0
R5
S0
S5
T0
Table 5. Intensity rank distribution
Available Ranks
Notes :
(1) All measurements were made under the standardized environment of Seoul Semiconductor.
(2) Seoul Semiconductor sorts the LED package according to the luminous intensity IV.
(3) The lumen table is only for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com