Electronic Components Datasheet Search
  English  ▼

X  

STW9B12C Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # STW9B12C
Description  Thermally Enhanced Package Design
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9B12C Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button STW9B12C Datasheet HTML 9Page - Seoul Semiconductor STW9B12C Datasheet HTML 10Page - Seoul Semiconductor STW9B12C Datasheet HTML 11Page - Seoul Semiconductor STW9B12C Datasheet HTML 12Page - Seoul Semiconductor STW9B12C Datasheet HTML 13Page - Seoul Semiconductor STW9B12C Datasheet HTML 14Page - Seoul Semiconductor STW9B12C Datasheet HTML 15Page - Seoul Semiconductor STW9B12C Datasheet HTML 16Page - Seoul Semiconductor STW9B12C Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
STW9B12C
– Mid-Power LED
13
Color Bin Structure
E0
E1
E2
E3
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3736
0.3874
0.3869
0.3958
0.3714
0.3775
0.3842
0.3855
0.3714
0.3775
0.3842
0.3855
0.3692
0.3677
0.3813
0.3751
0.3842
0.3855
0.397
0.3935
0.3813
0.3751
0.3934
0.3825
0.3869
0.3958
0.4006
0.4044
0.3842
0.3855
0.397
0.3935
E4
E5
F0
F1
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3692
0.3677
0.3813
0.3751
0.3996
0.4015
0.4146
0.4089
0.367
0.3578
0.3783
0.3646
0.396
0.3907
0.4104
0.3978
0.3783
0.3646
0.3898
0.3716
0.4104
0.3978
0.4248
0.4048
0.3813
0.3751
0.3934
0.3825
0.4146
0.4089
0.4299
0.4165
F2
F3
F4
F5
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.396
0.3907
0.4104
0.3978
0.3925
0.3798
0.4062
0.3865
0.3925
0.3798
0.4062
0.3865
0.3889
0.369
0.4017
0.3751
0.4062
0.3865
0.4198
0.3931
0.4017
0.3751
0.4147
0.3814
0.4104
0.3978
0.4248
0.4048
0.4062
0.3865
0.4198
0.3931
0.36
0.39
0.42
0.36
0.39
0.42
4200K
3200K
3500K
3700K
4000K
CIE X
F0
F1
F2
F3
F4
F5
E0
E1
E2
E3
E4
E5
<IF=100mA, Ta=25℃>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com