Electronic Components Datasheet Search
  English  ▼

X  

BAT54C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54C
Description  230mW SMD Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT54C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
BAT54
BAT54A
BAT54C
BAT54S
BAT54
BAT54A
BAT54C
BAT54S
PART NO.
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
Document Number: DS_S1404001
BAT54 / A / C / S
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING
CODE
MANUFACTURE
CODE
GREEN
COMPOUND
CODE
PACKAGE
PACKING
MARKING
RF
(Note)
SOT-23
3K / 7" Reel
KL1
RF
SOT-23
3K / 7" Reel
KL2
RF
SOT-23
3K / 7" Reel
KL3
RF
SOT-23
3K / 7" Reel
KL4
RF
G
SOT-23
3K / 7" Reel
KL1
RF
G
SOT-23
3K / 7" Reel
KL2
RF
G
SOT-23
3K / 7" Reel
KL3
RF
G
SOT-23
3K / 7" Reel
KL4
Note: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BAT54A RF
RF
BAT54A-B0 RF
B0
RF
G
Green compound
BAT54A-D0 RF
D0
RF
BAT54A-M0 RF
M0
RF
G
Green compound
BAT54A RFG
RF
G
Green compound
BAT54A-B0 RFG
B0
RF
Version: E14
BAT54A-D0 RFG
D0
RF
G
Green compound
BAT54A-M0 RFG
M0
RF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com