Electronic Components Datasheet Search
  English  ▼

X  

BAT54C Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54C
Description  230mW SMD Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54C Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAT54C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGESTED PAD LAYOUT
Z
X
Y
C
E
PIN CONFIGURATION
Document Number: DS_S1404001
BAT54 / A / C / S
Taiwan Semiconductor
Small Signal Product
DIM.
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.1 REF
0.004 REF
DIM.
Unit(mm)
Unit(inch)
Typ.
Typ.
2.9
0.114
0.8
0.031
0.9
0.035
Version: E14
2.0
0.079
1.35
0.053
B
A
C
D
G
F
E
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com