Electronic Components Datasheet Search
  English  ▼

X  

BAV21 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV21
Description  High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV21 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV21 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV21 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV21 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV21 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25℃ unless otherwise noted)
Document Number: DS_S1412015
Version: D14
BAV19 / BAV20 / BAV21
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
10
20
30
40
50
10
100
1000
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
TA=25oC
20
30
40
50
60
70
80
90
100
100
1000
Reverse Voltage (V)
Fig. 3
Fig. 3 Reverse Current VS. Reverse Voltage
TA=25oC
275
300
325
1
10
100
Reverse Current (uA)
Fig. 1 Reverse Voltage VS. Reverse Current
TA=25oC
225
275
325
375
425
475
1
10
100
Forward Current (uA)
Fig. 4
Fig. 4 Forward Voltage VS. Forward Current
TA=25oC
450
500
550
600
650
700
0.1
1
10
Forward Current (mA)
Fig. 5
Fig. 5 Forward Volatage VS. Forward Current
TA=25oC
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
10
100
1000
Forward Current (mA)
Fig. 6
Fig. 6 Forward Volatage VS. Forward Current
TA=25oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com