Electronic Components Datasheet Search
  English  ▼

X  

BAV21 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV21
Description  High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV21 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV21 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV21 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV21 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV21 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Fast switching device (trr<4.0ns)
- Through-hole device type mounting
- Hermetically sealed glasss
- Solder hot dip tin (Sn) lead finish
- All external surfaces are corrosion resistant and
leads are readily solderable
- Packing code with suffix "G" means
Halogen free
- Case: DO-35 package
- High temperature soldering guaranteed: 260
oC/10s
- Polarity: Indicated by black cathode band
- Weight: 109 ± 4 mg
SYMBOL
UNIT
PD
mW
Average Forward Current
IO
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
BAV19
BAV20
BAV21
BAV19
BAV20
BAV21
CJ
pF
trr
ns
Document Number: DS_S1412015
Version: D14
Power Dissipation
500
BAV19 / BAV20 / BAV21
Taiwan Semiconductor
Small Signal Product
High Voltage Switching Diode
FEATURES
PARAMETER
MIN
DO-35
Hermetically Sealed Glass
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
VALUE
A
IFSM
4
-
Reverse Leakage Current
VR = 100 V
-
V(BR)
VF
Forward Voltage
V
-
-
1.00
V
1.25
IF = 100 mA
-
IF = 200 mA
-
MECHANICAL DATA
Peak Forward Surge
Current
Pulse Width = 1 s , Square Wave
1
Pulse Width = 1 μs , Square Wave
200
300
Junction and Storage Temperature Range
-65 to +200
Thermal Resistance (Junction to Ambient)
Reverse Breakdown Voltage
IR = 100 μA
120
200
250
MAX
nA
VR = 150 V
VR = 200 V
Junction Capacitance
VR = 0 , f = 1.0 MHz
-5
IR
Reverse Recovery Time
(Note 1)
-
50
Note 1: Test condition : IF= IR= 30mA , RL=100Ω , IRR=3mA
100


Similar Part No. - BAV21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV21 PHILIPS-BAV21 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV21 VISHAY-BAV21 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV21 FAIRCHILD-BAV21 Datasheet
36Kb / 1P
General Purpose Diodes
BAV21 FAIRCHILD-BAV21 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
Diodes Incorporated
BAV21 DIODES-BAV21 Datasheet
62Kb / 2P
FAST SWITCHING DIODE
DS22006 Rev. H-2
More results

Similar Description - BAV21

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com