Electronic Components Datasheet Search
  English  ▼

X  

LT1074 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1074
Description  Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074 Datasheet(HTML) 3 Page - Linear Technology

  LT1074 Datasheet HTML 1Page - Linear Technology LT1074 Datasheet HTML 2Page - Linear Technology LT1074 Datasheet HTML 3Page - Linear Technology LT1074 Datasheet HTML 4Page - Linear Technology LT1074 Datasheet HTML 5Page - Linear Technology LT1074 Datasheet HTML 6Page - Linear Technology LT1074 Datasheet HTML 7Page - Linear Technology LT1074 Datasheet HTML 8Page - Linear Technology LT1074 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1074/LT1076
3
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Tj = 25°C, VIN = 25V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch “On” Voltage (Note 2)
LT1074
ISW = 1A, Tj ≥ 0°C
1.85
V
ISW = 1A, Tj < 0°C
2.1
V
ISW = 5A, Tj ≥ 0°C
2.3
V
ISW = 5A, Tj < 0°C
2.5
V
LT1076
ISW = 0.5A
q
1.2
V
ISW = 2A
q
1.7
V
Switch “Off” Leakage
LT1074
VIN ≤ 25V, VSW = 0
5
300
µA
VIN = VMAX, VSW = 0 (Note 8)
10
500
µA
LT1076
VIN = 25V, VSW = 0
150
µA
VIN = VMAX, VSW = 0 (Note 8)
250
µA
Supply Current (Note 3)
VFB = 2.5V, VIN ≤ 40V
q
8.5
11
mA
40V < VIN < 60V
q
912
mA
VSHUT = 0.1V (Device Shutdown) (Note 9)
q
140
300
µA
Minimum Supply Voltage
Normal Mode
q
7.3
8
V
Startup Mode (Note 4)
q
3.5
4.8
V
Switch Current Limit (Note 5)
LT1074
ILIM Open
q
5.5
6.5
8.5
A
RLIM = 10k (Note 6)
4.5
A
RLIM = 7k (Note 6)
3
A
LT1076
ILIM Open
q
2
2.6
3.2
A
RLIM = 10k (Note 6)
1.8
A
RLIM = 7k (Note 6)
1.2
A
Maximum Duty Cycle
q
85
90
%
Switching Frequency
90
100
110
kHz
Tj ≤ 125°C
q
85
120
kHz
Tj > 125°C
q
85
125
kHz
VFB = 0V through 2kΩ (Note 5)
20
kHz
Switching Frequency Line Regulation
8V
≤ VIN ≤ VMAX (Note 8)
q
0.03
0.1
%/V
Error Amplifier Voltage Gain (Note 7)
1V
≤ VC ≤ 4V
2000
V/V
Error Amplifier Transconductance
3700
5000
8000
µmho
Error Amplifier Source and Sink Current
Source (VFB = 2V)
100
140
225
µA
Sink (VFB = 2.5V)
0.7
1
1.6
mA
Feedback Pin Bias Current
VFB = VREF
q
0.5
2
µA
Reference Voltage
VC = 2V
q
2.155
2.21
2.265
V
Reference Voltage Tolerance
VREF (Nominal) = 2.21V
±0.5
±1.5
%
All Conditions of Input Voltage, Output
q
±1
±2.5
%
Voltage, Temperature and Load Current
Reference Voltage Line Regulation
8V
≤ VIN ≤ VMAX (Note 8)
q
0.005
0.02
%/V
VC Voltage at 0% Duty Cycle
1.5
V
Over Temperature
q
– 4
mV/
°C
Multiplier Reference Voltage
24
V
Shutdown Pin Current
VSH = 5V
q
510
20
µA
VSH ≤ VTHRESHOLD (≅2.5V)
q
50
µA
Shutdown Thresholds
Switch Duty Cycle = 0
q
2.2
2.45
2.7
V
Fully Shut Down
q
0.1
0.3
0.5
V
Thermal Resistance Junction to Case
LT1074
2.5
°C/W
LT1076
4.0
°C/W
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com