Electronic Components Datasheet Search
  English  ▼

X  

LT1074 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1074
Description  Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074 Datasheet(HTML) 4 Page - Linear Technology

  LT1074 Datasheet HTML 1Page - Linear Technology LT1074 Datasheet HTML 2Page - Linear Technology LT1074 Datasheet HTML 3Page - Linear Technology LT1074 Datasheet HTML 4Page - Linear Technology LT1074 Datasheet HTML 5Page - Linear Technology LT1074 Datasheet HTML 6Page - Linear Technology LT1074 Datasheet HTML 7Page - Linear Technology LT1074 Datasheet HTML 8Page - Linear Technology LT1074 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1074/LT1076
4
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: To calculate maximum switch “on” voltage at currents between
low and high conditions, a linear interpolation may be used.
Note 3: A feedback pin voltage (VFB) of 2.5V forces the VC pin to its low
clamp level and the switch duty cycle to zero. This approximates the zero
load condition where duty cycle approaches zero.
Note 4: Total voltage from VIN pin to ground pin must be ≥ 8V after start-
up for proper regulation.
Note 5: Switch frequency is internally scaled down when the feedback pin
voltage is less than 1.3V to avoid extremely short switch on times. During
testing, VFB is adjusted to give a minimum switch on time of 1µs.
Note 6: ILIM ≈
(LT1074)
, ILIM ≈
(LT1076).
Note 7: Switch to input voltage limitation must also be observed.
Note 8: VMAX = 40V for the LT1074/76 and 60V for the LT1074HV/76HV.
Note 9: Does not include switch leakage.
RLIM – 1k
2k
RLIM – 1k
5.5k
ELECTRICAL CHARACTERISTICS
6V
REGULATOR
AND BIAS
+
–
-POWER
SHUTDOWN
µ
10 A
µ
320 A
µ
+
–
2.35V
0.3V
CURRENT
LIMIT
SHUTDOWN
4.5V
10k
S
+
–
CURRENT
LIMIT
COMP
C2
15
400
+
–
C1
R/S
LATCH
R
R
Q
X
Y
Z
+
–
A1
ERROR
AMP
FB
V
100kHz
OSCILLATOR
ANALOG
MULTIPLIER
XY
Z
FREQ SHIFT
SYNC
G1
PULSE WIDTH
COMPARATOR
24V (EQUIVALENT)
2.21V
SWITCH
OUTPUT
(V
)
0.04
250
500
INPUT SUPPLY
SHUTDOWN*
I
*
6V TO ALL
CIRCUITRY
LIM
Ω
Ω
SW
Ω
Ω
VIN
C
LT1074 • BD01
100
SWITCH
OUTPUT (V
)
0.1
Ω
SW
Ω
3V(p-p)
LT1076
LT1074
*AVAILABLE ON PACKAGES WITH PIN
COUNTS GREATER THAN 5.
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com