Electronic Components Datasheet Search
  English  ▼

X  

LTC1291 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1291
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1291 Datasheet HTML 5Page - Linear Technology LTC1291 Datasheet HTML 6Page - Linear Technology LTC1291 Datasheet HTML 7Page - Linear Technology LTC1291 Datasheet HTML 8Page - Linear Technology LTC1291 Datasheet HTML 9Page - Linear Technology LTC1291 Datasheet HTML 10Page - Linear Technology LTC1291 Datasheet HTML 11Page - Linear Technology LTC1291 Datasheet HTML 12Page - Linear Technology LTC1291 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1291
1291fa
Input Data Word
The 4-bit data word is clocked into the DIN pin on the rising
edge of the clock after chip select goes low and the start
bit has been recognized. Further inputs on the DIN pin are
then ignored until the next CS cycle. The input word is
defined as follows:
Start Bit
The first “logical one” clocked into the DIN input after CS
goes low is the start bit. The start bit initiates the data
transfer and all leading zeroes which precede this logical
one will be ignored. After the start bit is received, the
remaining bits of the input word will be clocked in. Further
inputs on the DIN pin are then ignored until the next CS
cycle.
MUX Address
The bits of the input word following the START BIT assign
the MUX configuration for the requested conversion. For
a given channel selection, the converter will measure the
voltage between the two channels indicated by the “+” and
“–” signs in the selected row of the following table. In
single-ended mode, all input channels are measured with
respect to GND. Only the “+” inputs have sample-and-
holds. Signals applied at the “–” inputs must not change
more than the required accuracy during the conversion.
Figure 2. Input Data Word
S
APPLICATI
I FOR ATIO
START
SGL/
DIFF
ODD/
SIGN
MSBF
MUX ADDRESS
MSB-FIRST/
LSB-FIRST
POWER
SHUTDOWN
1291 F02
PS
Multiplexer Channel Selection
MUX ADDRESS
CHANNEL #
SGL/DIFF
ODD/SIGN
0
1
GND
10
+
–
11
+
–
00
+
–
01
–
+
MSB-First/LSB-First (MSBF)
The output data of the LTC1291 is programmed for MSB-
first or LSB-first sequence using the MSBF bit. When the
MSBF bit is a logical one, data will appear on the DOUT line
in MSB-first format. Logical zeroes will be filled in indefi-
nitely following the last data bit to accommodate longer
word lengths required by some microprocessors. When
the MSBF bit is a logical zero, LSB-first data will follow the
normal MSB-first data on the DOUT line (see Operating
Sequence).
Power Shutdown
The power shutdown feature of the LTC1291 is activated
by making the PS bit a logical zero. If CS remains low after
the PS bit has been received, a 12-bit DOUT word with all
logical ones will be shifted out followed by logical zeroes
until CS goes high. Then the DOUT line will go into its high
impedance state. The LTC1291 will remain in the shut-
down mode until the next CS cycle. There is no warm-up
or wait period required after coming out of the power
shutdown cycle so a conversion can commence after CS
goes low (see Power Shutdown Operating Sequence).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com