Electronic Components Datasheet Search
  English  ▼

X  

LTC1291 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1291
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1291 Datasheet HTML 10Page - Linear Technology LTC1291 Datasheet HTML 11Page - Linear Technology LTC1291 Datasheet HTML 12Page - Linear Technology LTC1291 Datasheet HTML 13Page - Linear Technology LTC1291 Datasheet HTML 14Page - Linear Technology LTC1291 Datasheet HTML 15Page - Linear Technology LTC1291 Datasheet HTML 16Page - Linear Technology LTC1291 Datasheet HTML 17Page - Linear Technology LTC1291 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1291
1291fa
S
APPLICATI
I FOR ATIO
ANALOG CONSIDERATIONS
Grounding
The LTC1291 should be used with an analog ground plane
and single point grounding techniques. Do not use wire
wrapping techniques to breadboard and evaluate the device.
To achieve the optimum performance, use a PC board. The
ground pin (Pin 4) should be tied directly to the ground
plane with minimum lead length. Figure 4 shows an
example of an ideal LTC1291 ground plane for a two-sided
board. Of course this much ground plane will not always
be possible, but users should strive to get as close to this
ideal as possible.
HORIZONTAL: 10
µs/DIV
CS
VCC
Figure 4. Example Ground Plane for the LTC1291
Bypassing
For good performance, VCC must be free of noise and
ripple. Any changes in the VCC voltage with respect to
ground during the conversion cycle can induce error or
noise in the output code. VCC noise and ripple can be kept
below 0.5mV by bypassing the VCC pin directly to the
analog ground plane with a minimum of 22
µF tantalum
capacitor and with leads as short as possible. A 0.1
µF
ceramic disk capacitor should also be placed directly
across VCC (Pin 8) and GND (Pin 4) as close to the pins as
possible. The VCC supply should have a low output
impedance such as that obtained from a voltage regulator
(e.g., LT323A). Figures 5 and 6 show the effects of good
and poor VCC bypassing.
1
2
3
4
5
6
7
8
LTC1291
22
µF
TANTALUM
VCC
LTC1291 F04
0.1
µF
ANALOG GROUND
PLANE
HORIZONTAL: 10
µs/DIV
Figure 5. Poor VCC Bypassing. Noise and
Ripple Can Cause A/D Errors
Figure 6. Good VCC Bypassing Keeps
Noise and Ripple on VCC Below 1mV
Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1291 have
capacitive switching input current spikes. These current
spikes settle quickly and do not cause a problem. If large
source resistances are used or if slow settling op amps
drive the inputs, take care to insure the transients caused
by the current spikes settle completely before the
conversion begins.
Minimizing Gain and Offset Error
Because the LTC1291’s reference is taken from the power
supply pin (VCC), proper PC board layout and supply
bypassing is important for attaining the best performance
from the A/D converter. Any parasitic resistance in the VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com