Electronic Components Datasheet Search
  English  ▼

X  

LT1085 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1085
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1085 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1085 Datasheet HTML 4Page - Linear Technology LT1085 Datasheet HTML 5Page - Linear Technology LT1085 Datasheet HTML 6Page - Linear Technology LT1085 Datasheet HTML 7Page - Linear Technology LT1085 Datasheet HTML 8Page - Linear Technology LT1085 Datasheet HTML 9Page - Linear Technology LT1085 Datasheet HTML 10Page - Linear Technology LT1085 Datasheet HTML 11Page - Linear Technology LT1085 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1083/84/85 Fixed
thermal resistance specifications have been developed to
more accurately reflect device temperature and ensure
safe operating temperatures. The data section for these
new regulators provides a separate thermal resistance and
maximum junction temperature for both the
Control Sec-
tion and the Power Section. Previous regulators, with a
single junction-to-case thermal resistance specification,
used an average of the two values provided here and
therefore could allow excessive junction temperatures
under certain conditions of ambient temperature and heat
sink resistance. To avoid this possibility, calculations
should be made for both sections to ensure that both
thermal limits are met.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the die.
This is the lowest resistance path for heat flow. Proper
mounting is required to ensure the best possible thermal
flow from this area of the package to the heat sink. Thermal
compound at the case-to-heat sink interface is strongly
recommended. If the case of the device must be electroni-
cally isolated, a thermally conductive spacer can be used
as long as its added contribution to thermal resistance is
considered. Note that the case of all devices in this series
is electronically connected to the ouput.
For example, using a LT1083-5CK (TO-3, Commercial)
and assuming:
VIN(max continuous) = 9V, VOUT = 5V, IOUT = 6A,
TA = 75°C θHEAT SINK = 1°C/W,
θCASE-TO-HEAT SINK = 0.2°C/W for K package with
thermal compound.
Power dissipation under these conditions is equal to:
PD = (VIN – VOUT) (IOUT) = 24W
Junction temperature will be equal to:
TJ = TA + PD (θHEAT SINK + θCASE-TO-HEAT SINK + θJC)
For the Control Section:
TJ = 75°C + 24W (1°C/W + 0.2°C/W + 0.6°C/W) =
118
°C
118
°C < 125°C = TJMAX (Control Section Commer-
cial Range)
For the Power Transistor:
TJ = 75°C + 24W (1°C/W + 0.2°C/W + 1.6°C/W) =
142
°C
142
°C < 150°C = TJMAX (Power Transistor Commer-
cial Range)
In both cases the junction temperature is below the
maximum rating for the respective sections, ensuring
reliable operation.
APPLICATIONS INFORMATION
High Efficiency Regulator
+
–
+
28V
INPUT
28V
470
Ω
28V
4N28
1N914
1N914
LT1011
10k
10k
10k
1k
1M
MR1122
1mH
10,000µF
OUTPUT
LT1083-5 OUT
IN
GND
LT1083/4/5 TA03
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com