Electronic Components Datasheet Search
  English  ▼

X  

LT1085 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1085
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1085 Datasheet(HTML) 5 Page - Linear Technology

  LT1085 Datasheet HTML 1Page - Linear Technology LT1085 Datasheet HTML 2Page - Linear Technology LT1085 Datasheet HTML 3Page - Linear Technology LT1085 Datasheet HTML 4Page - Linear Technology LT1085 Datasheet HTML 5Page - Linear Technology LT1085 Datasheet HTML 6Page - Linear Technology LT1085 Datasheet HTML 7Page - Linear Technology LT1085 Datasheet HTML 8Page - Linear Technology LT1085 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1083/84/85 Fixed
TYPICAL PERFORMANCE CHARACTERISTICS
LT1084 Dropout Voltage
LT1084 Short Circuit Current
LT1084 Load Regulation
OUTPUT CURRENT (A)
0
0
1
1
2
34
LT1083/4/5 FIXEDG04
5
2
6
INDICATES GUARANTEED TEST POINT
–55°C
≤ TJ ≤ 150°C
0°C
≤ TJ ≤ 125°C
TJ = 150°C
TJ = –55°C
TJ = 25°C
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
1
3
4
5
10
7
10
20
25
LT1083/4/5 FIXED G05
2
8
9
6
5
15
30
35
25°C
–55°C
IFULL LOAD
GUARANTEED
150°C
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0
050
100
150
LT1083/4/5 FIXED G06
–25
25
75
125
∆I = 5A
LT1085 Dropout Voltage
OUTPUT CURRENT (A)
0
0
1
2
1
2
LT1083/4/5 FIXED G07
3
4
INDICATES GUARANTEED TEST POINT
TJ = 150°C
TJ = 25°C
–55°C
≤ TJ ≤ 150°C
TJ = –55°C
0°C
≤ TJ ≤ 125°C
TEMPERATURE (°C)
–50
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0
050
100
150
LT1083/4/5 FIXED G09
–25
25
75
125
∆I = 3A
LT1085 Load Regulation
INPUT/OUTPUT DIFFERENTIAL (V)
0
4
5
6
15
25
LT1083/4/5 FIXED G08
3
2
510
20
30
35
1
0
25°C
150°C
IFULL LOAD
GUARANTEED
–55°C
LT1085 Short-Circuit Current
LT1083/4/5-5 Ripple Rejection
vs Current
LT1083/4/5-5 Ripple Rejection
OUTPUT CURRENT (0 TO IFULL LOAD)
0
100
90
80
70
60
50
40
30
20
10
0
0.4
0.8
1.0
1083/4/5 FIXED G11
0.2
0.6
fR = 120Hz
VRIPPLE ≤ 3VP-P
fR = 20kHz
VRIPPLE ≤ 0.5VP-P
TEMPERATURE (°C)
–50
0
1.0
150
LT1183/4/5 FIXED G12
–1.0
–2.0
0
50
100
2.0
–25
25
75
125
Temperature Stability
30
40
50
20
10
0
60
70
80
FREQUENCY (Hz)
10
1k
10k
100k
1083/4/5 FIXED G10
100
VRIPPLE
≤ 0.5VP-P
VRIPPLE ≤ 3VP-P
(VIN – VOUT) ≥ 3V
(VIN – VOUT) ≥ VDROPOUT
IOUT = IFULL LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com