Electronic Components Datasheet Search
  English  ▼

X  

LT1111M Datasheet(PDF) 1 Page - Linear Technology

Part # LT1111M
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111M Datasheet(HTML) 1 Page - Linear Technology

  LT1111M Datasheet HTML 1Page - Linear Technology LT1111M Datasheet HTML 2Page - Linear Technology LT1111M Datasheet HTML 3Page - Linear Technology LT1111M Datasheet HTML 4Page - Linear Technology LT1111M Datasheet HTML 5Page - Linear Technology LT1111M Datasheet HTML 6Page - Linear Technology LT1111M Datasheet HTML 7Page - Linear Technology LT1111M Datasheet HTML 8Page - Linear Technology LT1111M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1111
33 F
SUMIDA
CD54-220M
22
µH
LT1111 • TA01
µ
MBRS120T3
5V
100mA
GND
SW2
SW1
LIM
I
IN
V
LT1111CS8-5
SENSE
3V INPUT
10 F*
µ
+
*OPTIONAL
+
Micropower
DC/DC Converter
Adjustable and Fixed 5V, 12V
All Surface Mount 3V to 5V Step-Up Converter
DESCRIPTIO
S
FEATURE
S
APPLICATI
Typical Load Regulation
0
LOAD CURRENT (mA)
0
1
2
3
4
5
6
50
100
150
200
LT1111 • TA02
25
75
125
175
VIN = 2V 2.2 2.4
2.6
2.8
3V
s
Operates at Supply Voltages from 2V to 30V
s
72kHz Oscillator
s
Works with Surface Mount Inductors
s
Only Three External Components Required
s
Step-Up or Step-Down Mode
s
Low-Battery Detector Comparator On-Chip
s
User Adjustable Current Limit
s
Internal 1A Power Switch
s
Fixed or Adjustable Output Voltage Versions
s
Space Saving 8-Pin MiniDIP or SO-8 Package
s
3V to 5V, 5V to 12V Converters
s
9V to 5V, 12V to 5V Converters
s
Remote Controls
s
Peripherals and Add-On Cards
s
Battery Backup Supplies
s
Uninterruptible Supplies
s
Laptop and Palmtop Computers
s
Cellular Telephones
s
Portable Instruments
s
Flash Memory VPP Generators
APPLICATI
TYPICAL
The LT1111 is a versatile micropower DC/DC converter.
The device requires only three external components to
deliver a fixed output of 5V or 12V. Supply voltage ranges
from 2V to 12V in step-up mode and to 30V in step-down
mode. The LT1111 functions equally well in step-up, step-
down, or inverting applications.
The LT1111 oscillator is set at 72kHz, optimizing the
device to work with off-the-shelf surface mount inductors.
The device can deliver 5V at 100mA from a 3V input in
step-up mode or 5V at 200mA from a 12V input in step-
down mode.
Switch current limit can be programmed with a single
resistor. An auxiliary open-collector gain block can be
configured as a low-battery detector, linear post regulator,
undervoltage lock-out circuit, or error amplifier.
For input sources of less than 2V use the LT1110.


Similar Part No. - LT1111M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111MJ8 LINER-LT1111MJ8 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111MJ8-12 LINER-LT1111MJ8-12 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111MJ8-5 LINER-LT1111MJ8-5 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1111M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_1 Datasheet
258Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com