Electronic Components Datasheet Search
  English  ▼

X  

LT1111M Datasheet(PDF) 4 Page - Linear Technology

Part # LT1111M
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111M Datasheet(HTML) 4 Page - Linear Technology

  LT1111M Datasheet HTML 1Page - Linear Technology LT1111M Datasheet HTML 2Page - Linear Technology LT1111M Datasheet HTML 3Page - Linear Technology LT1111M Datasheet HTML 4Page - Linear Technology LT1111M Datasheet HTML 5Page - Linear Technology LT1111M Datasheet HTML 6Page - Linear Technology LT1111M Datasheet HTML 7Page - Linear Technology LT1111M Datasheet HTML 8Page - Linear Technology LT1111M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1111
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (
°C)
–50
–25
0
25
LT111 • TPC03
50
75
100
125
10
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
Oscillator Frequency
Oscillator Frequency
Switch ON Time
TEMPERATURE (
°C)
–50
40
50
60
70
80
90
100
–25
0
25
50
LT1111 • TPC01
75
100
125
INPUT VOLTAGE (V)
0
69
70
71
72
73
74
75
36
912
LT1111 • TPC02
15 18 21
68
67
24 27 30
Saturation Voltage
Saturation Voltage
Duty Cycle
Step-Up Mode
Step-Up Mode
TEMPERATURE (
°C)
–50
–25
0
25
LT1111 • TPC04
50
75
100
125
60
58
56
54
52
50
48
46
44
42
40
SWITCH CURRENT (A)
0
0.2
0.4
0.6
LT1111 • TPC06
0.8
1.0
1.2
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.4
VIN = 3V
VIN = 2V
VIN = 5V
TEMPERATURE (
°C)
–50
– 25
0
25
LT1111 • TPC05
50
75
100
125
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VIN = 3V
ISW = 650mA
Switch ON Voltage
Switch ON Voltage
Minimum/Maximum Frequency
Step-Down Mode
Step-Down Mode
vs ON Time
SWITCH CURRENT (A)
0
0.2
0.4
0.6
LT1111 • TPC08
0.8
1.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VIN = 12V
TEMPERATURE (
°C)
–50
–25
0
25
LT1111 • TPC07
50
75
100
2.00
1.75
1.50
1.25
1.00
0.75
0.50
125
VIN = 12V
ISW = 650mA
SWITCH ON TIME (
µs)
4
567
LT1111 • TPC09
89
100
90
80
70
60
50
40
10
11
12
–55
°C ≤ T
A ≤ 125°C
0
°C ≤ T
A ≤ 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com