Electronic Components Datasheet Search
  English  ▼

X  

RU6H2K Datasheet(PDF) 5 Page - Ruichips Semiconductor Co., Ltd

Part # RU6H2K
Description  N-Channel Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU6H2K Datasheet(HTML) 5 Page - Ruichips Semiconductor Co., Ltd

  RU6H2K Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU6H2K Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU6H2K Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU6H2K Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU6H2K Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU6H2K Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU6H2K Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU6H2K Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
℃
RU6H2K
Ruichips Semiconductor Co., Ltd
Rev. A– MAR., 2013
5
www.ruichips.com
Typical Characteristics
0
1
2
3
0
2
4
6
8
10
V
DS - Drain-Source Voltage (V)
Output Characteristics
3V
5V
6V
8V
10V
0
2000
4000
6000
8000
10000
0
1
2
3
4
5
I
D - Drain Current (A)
Drain-Source On Resistance
10V
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
Drain-Source On Resistance
V
GS=10V
I
D=1A
T
J=25°C
Rds(on)=4000m
Ω
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-Drain Voltage (V)
Source-Drain Diode Forward
T
J=25°C
T
J=150°C
0
100
200
300
400
500
1
10
100
1000
V
DS - Drain-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
Frequency=1.0MHz
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
Q
G - Gate Charge (nC)
Gate Charge
VDS=480V
IDS=2A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com