Electronic Components Datasheet Search
  English  ▼

X  

LT1118 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1118
Description  Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118 Datasheet(HTML) 3 Page - Linear Technology

  LT1118 Datasheet HTML 1Page - Linear Technology LT1118 Datasheet HTML 2Page - Linear Technology LT1118 Datasheet HTML 3Page - Linear Technology LT1118 Datasheet HTML 4Page - Linear Technology LT1118 Datasheet HTML 5Page - Linear Technology LT1118 Datasheet HTML 6Page - Linear Technology LT1118 Datasheet HTML 7Page - Linear Technology LT1118 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation (Note 4)
LT1118-2.5
0mA
≤ IL ≤ 800mA
q
10
mV
– 400mA
≤ IL ≤ 0mA
q
10
mV
LT1118-2.85
0mA
≤ IL ≤ 800mA
q
10
mV
– 400mA
≤ IL ≤ 0mA
q
10
mV
LT1118-5
0mA
≤ IL ≤ 800mA
q
20
mV
– 400mA
≤ IL ≤ 0mA
q
20
mV
Dropout Voltage (Note 5)
IL = 100mA
0.85
1.1
V
IL = 800mA
1
1.3
V
Minimum Output Voltage
LT1118
q
2V
Ripple Rejection
fRIPPLE = 120Hz, VIN – VOUT = 2V
60
80
dB
VRIPPLE = 0.5VP-P
Load Transient Settling Time,
0mA
≤ IL ≤ 800mA, CLOAD = 1µF5
µs
∆V = 1%
– 400mA
≤ IL ≤ 0mA, CLOAD = 1µF5
µs
Output Short-Circuit Current
ISC+
VOUT = 0V
800
1200
mA
ISC–
VOUT = VIN
– 700
– 400
mA
Thermal Shutdown Junction Temperature
No Load
170
°C
Enable Turn-On Delay
No Load
50
µs
The q denotes specifications which apply over the operating temperature
range.
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: Unless otherwide specified, testing done at VCC = 5V
(LT1118-2.5, LT1118-2.85) or VCC = 7V (LT1118-5). VEN = VCC. Output
CLOAD = 1µF, ILOAD = 0.
Note 3: All operating conditions include the combined effects of load
current, input voltage and temperature over each parameter’s full range.
Note 4: Load and line regulation are tested at a constant junction
temperature by low duty cycle pulse testing.
Note 5: Dropout voltage is defined as the minimum input to output voltage
measured while sourcing the specified current.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com