Electronic Components Datasheet Search
  English  ▼

X  

LT1118 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1118
Description  Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118 Datasheet(HTML) 4 Page - Linear Technology

  LT1118 Datasheet HTML 1Page - Linear Technology LT1118 Datasheet HTML 2Page - Linear Technology LT1118 Datasheet HTML 3Page - Linear Technology LT1118 Datasheet HTML 4Page - Linear Technology LT1118 Datasheet HTML 5Page - Linear Technology LT1118 Datasheet HTML 6Page - Linear Technology LT1118 Datasheet HTML 7Page - Linear Technology LT1118 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1118/LT1118-2.5
LT1118-2.85/LT1118-5
TYPICAL PERFORMANCE CHARACTERISTICS
Output Impedance vs Frequency
Ripple Rejection vs Load Current
Feedback Current vs Temperature
FREQUENCY (Hz)
102
0.001
0.1
10
104
105
103
106
1118 G04
0.01
1
NO CURRENT
10mA SOURCE
100mA SOURCE
10mA SINK
100mA SINK
OUTPUT SINK CURRENT (mA)
0
1000
1250
1500
400
1118 G07
750
500
0
100
200
300
250
2000
1750
50
150
250
350
OUTPUT SOURCING CURRENT (mA)
0
400
500
600
800
1118 G08
300
200
0
200
400
600
100
800
700
TEMP
–55 –35 –15
5
25
45
65
85 105 125
450
400
350
300
250
200
150
100
50
0
1118 G05
LOAD CURRENT (mA)
–400
80
60
40
20
0
–200
0
200
400
1118 G06
600
800
CIN = CLOAD = 1µF
Input Current vs
Output Sink Current
Ground Pin Current vs
Output Source Current
Dropout Voltage vs Output Current
Ripple Rejection vs Frequency
Ripple Rejection vs Frequency
OUTPUT CURRENT (mA)
0
200
400
600
800
1118 G01
1.4
1.2
1
0.8
0.6
0.4
0.2
0
TJ = 75°C
TJ = 25°C
TJ = 125°C
FREQUENCY (Hz)
80
60
40
20
0
10
1k
10k
100k
1118 G02
100
SOURCING CURRENT
NO LOAD
800mA
10mA
FREQUENCY (Hz)
80
60
40
20
0
10
1k
10k
100k
1118 G03
100
SINKING CURRENT
NO LOAD
400mA
10mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com