Electronic Components Datasheet Search
  English  ▼

X  

LT1113CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1113CS8
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1113CS8 Datasheet HTML 8Page - Linear Technology LT1113CS8 Datasheet HTML 9Page - Linear Technology LT1113CS8 Datasheet HTML 10Page - Linear Technology LT1113CS8 Datasheet HTML 11Page - Linear Technology LT1113CS8 Datasheet HTML 12Page - Linear Technology LT1113CS8 Datasheet HTML 13Page - Linear Technology LT1113CS8 Datasheet HTML 14Page - Linear Technology LT1113CS8 Datasheet HTML 15Page - Linear Technology LT1113CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1113
S
APPLICATI
TYPICAL
Low Noise Light Sensor with DC Servo
10Hz Fourth Order Chebyshev Lowpass Filter (0.01dB Ripple)
8
+V
–V
4
1113 • TA05
R1
1M
C1
2pF
7
5
6
1/2 LT1113
R2C2 > C1R1
CD = PARASITIC PHOTODIODE CAPACITANCE
VO = 100mV/µWATT FOR 200nm WAVE LENGTH
330mV/
µWATT FOR 633nm WAVE LENGTH
R5
1k
D2
1N914
2N3904
V–
R4
1k
D1
1N914
R3
1k
1
3
2
1/2 LT1113
C2
0.022
µF
HAMAMATSU
S1336-5BK
OUTPUT
R2
100k
CD
1113 • TA06
VOUT
TYPICAL OFFSET
≈ 0.8mV
1% TOLERANCES
FOR VIN = 10VP-P, VOUT = –121dB AT f > 330Hz
= – 6dB AT f = 16.3Hz
LOWER RESISTOR VALUES WILL RESULT IN LOWER THERMAL NOISE AND LARGER CAPACITORS
R3
249k
C2
100nF
C1
33nF
R1
237k
VIN
R2
237k
R6
249k
C4
330nF
5
6
1/2 LT1113
7
C3
10nF
R4
154k
R5
154k
8
15V
–15V
4
1
3
2
1/2 LT1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com