Electronic Components Datasheet Search
  English  ▼

X  

LT1113CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1113CS8
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1113CS8 Datasheet HTML 8Page - Linear Technology LT1113CS8 Datasheet HTML 9Page - Linear Technology LT1113CS8 Datasheet HTML 10Page - Linear Technology LT1113CS8 Datasheet HTML 11Page - Linear Technology LT1113CS8 Datasheet HTML 12Page - Linear Technology LT1113CS8 Datasheet HTML 13Page - Linear Technology LT1113CS8 Datasheet HTML 14Page - Linear Technology LT1113CS8 Datasheet HTML 15Page - Linear Technology LT1113CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1113
©LINEAR TECHNOLOGY CORPORATION 1993
1113fa LT/TP 0100 2K REV A • PRINTED IN USA
S
APPLICATI
TYPICAL
Light Balance Detection Circuit
Unity Gain Buffer with Extended Load Capacitance Drive Capability
1113 • TA07
VOUT = 1M • (I1 – I2)
PD1,PD2 = HAMAMATSU S1336-5BK
WHEN EQUAL LIGHT ENTERS PHOTODIODES, VOUT < 3mV.
1/2 LT1113
R1
1M
C1
2pF TO 8pF
PD1
PD2
I1
I2
VOUT
1113 • TA08
VOUT
1/2 LT1113
C1
VIN
R2
1k
CL
R1
33
Ω
C1 = CL ≤ 0.1µF
OUTPUT SHORT-CIRCUIT CURRENT
(
∼30mA) WILL LIMIT THE RATE AT WHICH THE
VOLTAGE CAN CHANGE ACROSS LARGE CAPACITORS
(I = C
dV
)
dt
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Single Low Noise Precision Op Amp
VNOISE = 1.1nV/√Hz Max
LT1124
Dual Low Noise Precision Op Amp
VNOISE = 4.2nV/√Hz Max
LT1169
Dual Low Noise Precision JFET Op Amp
10pA IB
LT1462
Dual Picoamp IB C-Load
TM Op Amp
IB = 2pA Max, 10000pF C-Load, IS = 45µA
LT1464
Dual Picoamp IB C-Load Op Amp
IB = 2pA Max, 10000pF C-Load, IS = 200µA
LT1792
Single Low Noise Precision Op Amp
Single LT1113
LT1793
Single Low Noise Precision Op Amp
Single LT1169
C-Load is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com