Electronic Components Datasheet Search
  English  ▼

X  

UPD75206GF Datasheet(PDF) 45 Page - NEC

Part # UPD75206GF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75206GF Datasheet(HTML) 45 Page - NEC

Back Button UPD75206GF Datasheet HTML 41Page - NEC UPD75206GF Datasheet HTML 42Page - NEC UPD75206GF Datasheet HTML 43Page - NEC UPD75206GF Datasheet HTML 44Page - NEC UPD75206GF Datasheet HTML 45Page - NEC UPD75206GF Datasheet HTML 46Page - NEC UPD75206GF Datasheet HTML 47Page - NEC UPD75206GF Datasheet HTML 48Page - NEC UPD75206GF Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
45
µPD75206
Input
Output
Input
Output
AC CHARACTERISTICS (Ta = –40 to +85
°C , VDD = 2.7 to 6.0 V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operation with main
system clock
Operation with sub-
system clock
tCY
CPU clock cycle time
(minimum instruction
execution time = 1
machine cycle) *1
TI0 input frequency
VDD = 4.5 to 6.0 V
TI0 input high and low-
level widths
fTI
VDD = 4.5 to 6.0 V
Input
Output
Input
Output
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
INT0
INT1
INT2, 4
tTIH,
tTIL
tKCY
tRSL
tINTH,
tINTL
tKSO
tKSI
tSIK
tKH,
tKL
RESET low-level width
Interrupt input high and
low-level widths
SCK cycle time
SCK high and low-level
widths
SI setup time (to SCK
↑)
SI hold time (from SCK
↑)
SO output delay time
from SCK
↓
0.95
3.8
114
0
0
0.83
3
0.8
0.95
3.2
3.8
0.4
tKCY/2–50
1.6
tKCY/2–150
100
400
*2
2tCY
10
10
300
1000
122
32
32
125
0.6
165
µs
µs
µs
MHz
kHz
µs
µs
µs
µs
µs
µs
µs
ns
µs
ns
µs
µs
µs
µs
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com