Electronic Components Datasheet Search
  English  ▼

X  

UPD75206GF Datasheet(PDF) 2 Page - NEC

Part # UPD75206GF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75206GF Datasheet(HTML) 2 Page - NEC

  UPD75206GF Datasheet HTML 1Page - NEC UPD75206GF Datasheet HTML 2Page - NEC UPD75206GF Datasheet HTML 3Page - NEC UPD75206GF Datasheet HTML 4Page - NEC UPD75206GF Datasheet HTML 5Page - NEC UPD75206GF Datasheet HTML 6Page - NEC UPD75206GF Datasheet HTML 7Page - NEC UPD75206GF Datasheet HTML 8Page - NEC UPD75206GF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
µPD75206
Instruction execution time
On-chip memory
ROM
RAM
General register
Input/output port
FIP
dual-function pin
included
FIP dedicated pin
excluded
FIP controller/driver
Timer
Serial interface
Vectored interrupt
Test input
System clock oscillator
Standby function
Mask option
Operating temperature range
Operating voltage
Package
• 0.95, 1.91, 15.3
µs (Main system clock : 4.19 MHz operation)
• 122
µs (Subsystem clock : 32.768 kHz operation)
6016
× 8 bits
369
× 4 bits
• 4-bit manipulation : 8
× 4 banks
• 8-bit manipulation : 4
× 4 banks
33
8
CMOS input pin
20
CMOS input/output pins
• Direct LED drive capability : 8
• On-chip pull-down resistor by mask option capability : 4
5
CMOS output pin
• Direct LED drive capability : 4
• PWM/pulse output : 1
• On-chip pull-down resistor by mask option capability : 4
• No. of segments : 9 to 12 segments
• No. of digits
: 9 to 16 digits
• Dimmer function : 8 levels
• On-chip pull-down resistor by mask option capability
• Key scan interrupt generation
4 channels
• Timer/pulse generator : 14-bit PWM output enabled
• Watch timer
: Buzzer output enabled
• Timer/event counter
• Basic interval timer
: Watchdog timer application capability
• MSB start/LSB start switchable
• Serial bus configuration capability
External : 3, Internal : 5
External : 1, Internal : 1
• Ceramic/crystal oscillator for main system clock oscillation : 4.194304 MHz standard
• Crystal oscillator for subsystem clock oscillation : 32.768 kHz standard
STOP/HALT mode
• Power-on reset, power-on flag
• High withstand voltage port : Pull-down resistor or open-drain output
• Port 6 : Pull-down resistor
–40 to +85
°C
2.7 to 6.0 V (standby data hold : 2.0 to 6.0 V)
• 64-pin plastic shrink DIP (750 mil)
• 64-pin plastic QFP (14
× 20 mm)
Item
LIST OF FUNCTIONS
Function
5
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com