Electronic Components Datasheet Search
  English  ▼

X  

LT1171 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1171
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1171 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1171 Datasheet HTML 12Page - Linear Technology LT1171 Datasheet HTML 13Page - Linear Technology LT1171 Datasheet HTML 14Page - Linear Technology LT1171 Datasheet HTML 15Page - Linear Technology LT1171 Datasheet HTML 16Page - Linear Technology LT1171 Datasheet HTML 17Page - Linear Technology LT1171 Datasheet HTML 18Page - Linear Technology LT1171 Datasheet HTML 19Page - Linear Technology LT1171 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1170/LT1171/LT1172
Q Package
5-Lead Plastic DD Pak
(LTC DWG # 05-08-1461)
Q(DD5) 1098
0.028 – 0.038
(0.711 – 0.965)
0.143
+0.012
–0.020
()
3.632
+0.305
–0.508
0.067
(1.70)
BSC
0.013 – 0.023
(0.330 – 0.584)
0.095 – 0.115
(2.413 – 2.921)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050
± 0.012
(1.270
± 0.305)
0.059
(1.499)
TYP
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.330 – 0.370
(8.382 – 9.398)
0.060
(1.524)
TYP
0.390 – 0.415
(9.906 – 10.541)
15
° TYP
0.300
(7.620)
0.075
(1.905)
0.183
(4.648)
0.060
(1.524)
0.060
(1.524)
0.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com