Electronic Components Datasheet Search
  English  ▼

X  

LT1171 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1171
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1171 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1171 Datasheet HTML 12Page - Linear Technology LT1171 Datasheet HTML 13Page - Linear Technology LT1171 Datasheet HTML 14Page - Linear Technology LT1171 Datasheet HTML 15Page - Linear Technology LT1171 Datasheet HTML 16Page - Linear Technology LT1171 Datasheet HTML 17Page - Linear Technology LT1171 Datasheet HTML 18Page - Linear Technology LT1171 Datasheet HTML 19Page - Linear Technology LT1171 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LT1170/LT1171/LT1172
Dimensions in inches (millimeters) unless otherwise noted.
T Package
5-Lead Plastic TO-220 (Standard)
(LTC DWG # 05-08-1421)
T5 (TO-220) 0399
0.028 – 0.038
(0.711 – 0.965)
0.067
(1.70)
0.135 – 0.165
(3.429 – 4.191)
0.700 – 0.728
(17.78 – 18.491)
0.045 – 0.055
(1.143 – 1.397)
0.095 – 0.115
(2.413 – 2.921)
0.013 – 0.023
(0.330 – 0.584)
0.620
(15.75)
TYP
0.155 – 0.195*
(3.937 – 4.953)
0.152 – 0.202
(3.861 – 5.131)
0.260 – 0.320
(6.60 – 8.13)
0.165 – 0.180
(4.191 – 4.572)
0.147 – 0.155
(3.734 – 3.937)
DIA
0.390 – 0.415
(9.906 – 10.541)
0.330 – 0.370
(8.382 – 9.398)
0.460 – 0.500
(11.684 – 12.700)
0.570 – 0.620
(14.478 – 15.748)
0.230 – 0.270
(5.842 – 6.858)
BSC
SEATING PLANE
* MEASURED AT THE SEATING PLANE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com