Electronic Components Datasheet Search
  English  ▼

X  

MBRB20200CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRB20200CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB20200CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRB20200CT Datasheet HTML 1Page - Diodes Incorporated MBRB20200CT Datasheet HTML 2Page - Diodes Incorporated MBRB20200CT Datasheet HTML 3Page - Diodes Incorporated MBRB20200CT Datasheet HTML 4Page - Diodes Incorporated MBRB20200CT Datasheet HTML 5Page - Diodes Incorporated MBRB20200CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRB20200CT
Document number: DS37081 Rev. 3 - 2
3 of 6
www.diodes.com
September 2014
© Diodes Incorporated
MBRB20200CT
I
AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 1 Forward Power Dissipation
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Tj 175
=
℃
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0 0001
.
0 001
.
0 01
.
0 1
.
1
10
100
0
0 2
.
0 4
.
0 6
.
0 8
.
1
1 2
.
T = 150°C
A
T = 85°C
A
T = -55°C
A
T = 25°C
A
T = 175°C
A
T = 125°C
A
Figure 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 125°C
A
0 00001
.
0 0001
.
0.001
0.01
T = 25°C
A
0.1
1
10
0
50
100
150
200
T = 85°C
A
T = 150°C
A
T = 175°C
A
0
2
4
6
8
10
12
25
50
75
100
125
150
175



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com