Electronic Components Datasheet Search
  English  ▼

X  

MBRB20200CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBRB20200CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB20200CT Datasheet(HTML) 4 Page - Diodes Incorporated

  MBRB20200CT Datasheet HTML 1Page - Diodes Incorporated MBRB20200CT Datasheet HTML 2Page - Diodes Incorporated MBRB20200CT Datasheet HTML 3Page - Diodes Incorporated MBRB20200CT Datasheet HTML 4Page - Diodes Incorporated MBRB20200CT Datasheet HTML 5Page - Diodes Incorporated MBRB20200CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBRB20200CT
Document number: DS37081 Rev. 3 - 2
4 of 6
www.diodes.com
September 2014
© Diodes Incorporated
MBRB20200CT
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
TO263AB (D2PAK)
Dim
Min
Max
Typ
A
4.07
4.82
-
A1
0.00
0.25
-
b
0.51
0.99
-
b2
1.15
1.77
-
c
0.356 0.73
-
c2
1.143 1.65
-
D
8.39
9.65
-
D1
6.55
-
-
e
2.54 TYP
E
9.66 10.66
-
E1
6.23
-
-
H
14.61 15.87
-
L
1.78
2.79
-
L1
-
1.67
-
L2
-
1.77
-
a
0°
8°
-
All Dimensions in mm
TO263AB (D2PAK)
(Type B)
Dim
Min
Max
Typ
A
4.40
4.70
4.57
A1
0.00
0.20
0.10
A2
2.59
2.79
2.69
b
0.77
0.90
0.813
b2
1.20
1.36
1.27
c
0.356
0.47
0.381
c2
1.22
1.32
1.27
D
8.60
8.80
8.70
D1
6.60
7.80
7.60
D1a
5.33
6.53
6.33
D1b
4.54
5.74
5.54
e
2.54 BSC
E
10.00 10.20 10.10
E1
6.67
7.87
7.67
E1a
4.94
6.14
5.94
E1b
7.06
8.26
8.06
H
14.70 15.50 15.10
L
2.00
2.60
2.30
L1
1.17
1.40
1.27
L2
1.45
1.70
1.55
L3
0.25 BSC
L4
2.50 REF
θ
0°
8°
5°
θ1
5°
9°
7°
θ2
1°
5°
3°
All Dimensions in mm
E
L1
D
b2
b
e
L2
c2
A
H
See Detail B
7°±1°
c
E1
D1
A1
Gauge Plane
L
L3
a
Detail B
Seating
Plane
E
L1
D
b2
b
e
L2
c2
A
H
See Detail B
01
c
E1
A1
Gauge Plane
L
L3
0
Detail B
Seating
Plane
E1b
D1
E1a
D1a
D1b
A2
L4
01
02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com